công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM431ACM3/NOPB bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM431ACM3/NOPB
Giải thích chi tiết về linh kiện  LM431 Adjustable Precision Zener Shunt Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM431ACM3/NOPB bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM431ACM3/NOPB Datasheet HTML 6Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 7Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 8Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 9Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 10Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 11Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 12Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 13Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LM431
SNVS020H – MAY 2000 – REVISED JANUARY 2016
www.ti.com
8 Detailed Description
8.1 Overview
The LM431 is an adjustable precision shunt voltage regulator with ensured temperature stability over the entire
temperature range. The part has three different packages available to meet small footprint requirements, and is
available in three different tolerance grades.
8.2 Functional Block Diagram
Figure 9. LM431 Symbol
Figure 10. LM431 Block Diagram
8.3 Feature Description
The LM431 is a precision Zener diode. The part requires a small quiescent current for regulation, and regulates
the output voltage by shunting more or less current to ground, depending on input voltage and load. The only
external component requirement is a resistor between the cathode and the input voltage to set the input current.
An external capacitor can be used on the input or output, but is not required.
10
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com