công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM385LP-1-2 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LM385LP-1-2
Giải thích chi tiết về linh kiện  LMx85-1.2, LM385B-1.2 Micropower Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM385LP-1-2 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM385LP-1-2 Datasheet HTML 4Page - Texas Instruments LM385LP-1-2 Datasheet HTML 5Page - Texas Instruments LM385LP-1-2 Datasheet HTML 6Page - Texas Instruments LM385LP-1-2 Datasheet HTML 7Page - Texas Instruments LM385LP-1-2 Datasheet HTML 8Page - Texas Instruments LM385LP-1-2 Datasheet HTML 9Page - Texas Instruments LM385LP-1-2 Datasheet HTML 10Page - Texas Instruments LM385LP-1-2 Datasheet HTML 11Page - Texas Instruments LM385LP-1-2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
36 k
1.2 V
5 V
LM385-1.2
LM285-1.2, LM385-1.2, LM385B-1.2
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The The LM285-1.2, LM385-1.2, and LM385-1.2 devices create a voltage reference for to be used for a variety of
applications including amplifiers, power supplies, and current-sensing circuits. The following application shows
how to use these devices to establish a voltage reference.
9.2 Typical Application
Figure 8. Generating Reference Voltage with a Resistive Current Source
9.2.1 Design Requirements
The key design requirement when using this device as a voltage reference is to supply the LM385 with a
minimum Cathode Current (IZ), as indicated in Electrical Characteristics.
9.2.2 Detailed Design Procedure
In order to generate a constant and stable reference voltage, a current greater than IZ(MIN) must be sourced into
the cathode of this device. This can be accomplished using a current regulating device such as LM334 or a
simple resistor. For a resistor, its value should be equal to or greater than (Vsupply - Vreference) ÷ IZ(MIN) .
8
Submit Documentation Feedback
Copyright © 1989–2015, Texas Instruments Incorporated
Product Folder Links: LM285-1.2 LM385-1.2 LM385B-1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com