| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM335AM bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM335AM bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 33 page ![]() LM135, LM135A, LM235, LM235A, LM335, LM335A www.ti.com SNIS160E – MAY 1999 – REVISED FEBRUARY 2015 Feature Description (continued) • T is the unknown temperature in degrees Kelvin • To is a reference temperature in degrees Kelvin (1) By calibrating the output to read correctly at one temperature the output at all temperatures is correct. Nominally the output is calibrated at 10 mV/K. Calibrate for 2.982V at 25°C Figure 12. Calibrated Sensor 7.4 Device Functional Modes The LM135 has two functional modes calibrated and uncalibrated. For optimum accuracy, a one point calibration is recommended. For more information on calibration, see Temperature Calibration Using ADJ Pin. Copyright © 1999–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A |