công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3477AMM/NOPB bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện LM3477AMM/NOPB
Giải thích chi tiết về linh kiện  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button LM3477AMM/NOPB Datasheet HTML 22Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 23Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 24Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 25Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 26Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 27Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 28Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 29Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
-60
-40
60
10
1
10
2
10
3
10
4
10
5
Frequency (Hz)
-20
0
20
40
10
6
0
-50
-100
-150
-180
-250
-200
BW = 16.7 kHz
PM = 61 degrees
CC2 =
50 x 10
3 + 900
2S (.159 x 10
3) (50 x 103) (900)
= 1.1 nF
1
2SCOUTRESR
250kHz
<
2S(20 x 10
3)(900)
3.16
1
d
d
CC1
d
d
CC1
28 nF
62 nF
2S(2.86 x 10
3)(900)
RC =
= 904:
(15.5)(0.001)(50 x 10
3)(0.508)(2.86 x 103) - (20 x 103)
(20 x 10
3)(50 x 103)
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
(57)
This sets the high frequency gain of the compensator such that a crossover frequency of fC is obtained. The
capacitor CC1 sets the compensator zero, fZ2. Set fZ2 between the power pole fP1 and the ½ decade before the
target crossover frequency fC:
(58)
Choosing CC1 = 62 x 10
−9 F will set f
Z2 = fP1, canceling out the power pole and insuring a −20dB/decade slope in
the low frequency magnitude response. In other words, the phase margin below the crossover frequency will
always be higher than the phase margin at the crossover frequency.
If better transient response times are desired, a second method is to set fZ2 between fP1 and ½ decade before fC,
the target crossover frequency. This trades more low frequency gain for less phase margin, which translates to
faster but more oscillatory step responses. We pick CC1 = 47nF.
If the esr zero of the output capacitor (fESR) is too low or if more phase margin is required, additional components
may be added to increase the flexibility of the compensator.
Use CC2 if fESR < ½ fS, that is if:
(59)
For this example, fESR = 159 kHz, so use CC2.
(60)
The equations used here for RC, CC1, and CC2 are approximations valid when CC2 << CC1. For exact equations,
see PLOTTING THE OPEN LOOP RESPONSE. In some cases, the desired inductance is several times higher
than the optimal inductance set by the internal slope compensation. This results in a Q lower than 0.15, in which
case additional methods of compensating are presented (see SAMPLING POLE QUALITY FACTOR).
Figure 34. Open Loop Frequency Response for LM3477 Compensation Design Example
26
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com