| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2830XMF/NOPB bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2830XMF/NOPB bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM2830XMF/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SKTB LM2830XMF/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SKTB LM2830XMFX/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SKTB LM2830XMFX/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SKTB LM2830XQMF/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SUFB LM2830XQMF/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SUFB LM2830XQMFE/NOPB Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SUFB LM2830XQMFE/NOPB.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SUFB LM2830XQMFX/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SUFB LM2830XQMFX/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SUFB LM2830ZMF/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SKXB LM2830ZMF/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SKXB LM2830ZQMF/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SURB LM2830ZQMF/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SURB LM2830ZQMFE/NOPB Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SURB LM2830ZQMFE/NOPB.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SURB LM2830ZQMFX/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SURB LM2830ZQMFX/NOPB.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SURB LM2830ZSD/NOPB Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 125 L192B LM2830ZSD/NOPB.A Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 125 L192B (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |