| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSC103ID bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC103ID bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 25 page ![]() DocID16873 Rev 3 5/25 TSC103 Application schematic and pin description 25 Table 1 describes the function of each pin. Their position is shown in the illustration on the cover page and in Figure 1 on page 3. Table 1. Pin description Symbol Type Function Out Analog output The Out voltage is proportional to the magnitude of the sense voltage Vp-Vm. Gnd Power supply Ground line Vcc+ Positive power supply line. Vcc- Negative power supply line. Vp Analog input Connection for the external sense resistor. The measured current enters the shunt on the Vp side. Vm Connection for the external sense resistor. The measured current exits the shunt on the Vm side. SEL1 Digital input Gain-select pin SEL2 |