| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G030C6 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G030C6 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 94 page ![]() Pinouts, pin description and alternate functions STM32G030x6/x8 30/94 DS12991 Rev 1 Figure 5. STM32G030Fx TSSOP20 pinout Figure 6. STM32G030Jx SO8N pinout MSv47963V1 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 PB7/PB8 VDD/VDDA PA1 NRST PB3/PB4/PB5/PB6 PA13 PA5 PA6 PA7 PB0/PB1/PB2/PA8 12 11 9 10 PA3 PA15/PA14-BOOT0 VSS/VSSA PA4 PB9/PC14-OSC32_IN PC15-OSC32_OUT PA11[PA9] PA12[PA10] PA0 PA2 Top view MSv47964V1 1 2 3 4 8 7 6 5 PB7/PB8/PB9/PC14-OSC32_IN PA0/PA1/PA2/NRST PB5/PB6/PA14-BOOT0/PA15 PA12[PA10] PA13 VDD/VDDA VSS/VSSA PA8/PA11[PA9]/PB0/PB1 Top view Table 11. Terms and symbols used in Table 12 Column Symbol Definition Pin name Terminal name corresponds to its by-default function at reset, unless otherwise specified in parenthesis under the pin name. Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O RST Bidirectional reset pin with embedded weak pull-up resistor Options for FT I/Os _f I/O, Fm+ capable _a I/O, with analog switch function _e I/O, with switchable diode to VDD Note Upon reset, all I/Os are set as analog inputs, unless otherwise specified. |