| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7580 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7580 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 33 page ![]() Physical layer ST7580 28/33 DocID022644 Rev 2 In addition, during reception, each channel supports only a single modulation at a time, which can be one of the two listed below: 1. Any of the PSK modulations (specified by the mode field in PSK physical frame, Section 9.1.2 ) 2. FSK modulation, using the current FSK settings. Table 13 shows the allowed combinations for single channel and dual channel reception mode. Note that in case of FSK modulation on one channel and PSK on the other, the maximum FSK symbol rate is limited to 2400 baud. Table 13. ST7580 allowed settings combination for reception Reception mode High channel Low channel Single channel receiver Any PSK - Selected FSK - Dual channel receiver Any PSK Any PSK Selected FSK ( 2400 baud) Any PSK Any PSK Selected FSK ( 2400 baud) |