công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN2012MPX bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện FAN2012MPX
Giải thích chi tiết về linh kiện  1.5 A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2012MPX bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  FAN2012MPX Datasheet HTML 1Page - ON Semiconductor FAN2012MPX Datasheet HTML 2Page - ON Semiconductor FAN2012MPX Datasheet HTML 3Page - ON Semiconductor FAN2012MPX Datasheet HTML 4Page - ON Semiconductor FAN2012MPX Datasheet HTML 5Page - ON Semiconductor FAN2012MPX Datasheet HTML 6Page - ON Semiconductor FAN2012MPX Datasheet HTML 7Page - ON Semiconductor FAN2012MPX Datasheet HTML 8Page - ON Semiconductor FAN2012MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
October 2013
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2012
• Rev. 1.0.5
FAN2012
1.5 A Low-Voltage, Current-Mode Synchronous PWM
Buck Regulator
Features
 95% Efficiency, Synchronous Operation
 Adjustable Output Voltage from 0.8 V to 3.5 V
 4.5 V to 5.5 V Input Voltage Range
 Up to 1.5 A Output Current
 Fixed-Frequency 1.3 MHz PWM Operation
 Soft Start
 Excellent Load Transient Response
 3 x 3 mm, 6-Lead, MLP
Applications
 Hard Disk Drive
 Set-Top Box
 Point-of-Load Power
 Notebook Computer
 Communications Equipment
Description
The
FAN2012
is
a
high-efficiency,
low-noise,
synchronous Pulse Width Modulated (PWM) current-
mode
DC-DC
converter
designed
for
low-voltage
applications. It provides up to 1.5 A continuous-load
current from the 4.5 V to 5.5 V input. The output voltage
is adjustable over a wide range of 0.8 V to 3.5 V by
means of an external voltage divider.
The FAN2012 has an “Enable Input” and the device can
be put in shutdown mode, in which the ground current
falls below 1 µA.
A current-mode control loop with a fast transient
response ensures excellent line and load regulation.
The
fixed
1.3 MHz
switching
frequency
enables
designers to choose a small, inexpensive external
inductor and capacitor. Filtering is easily accomplished
with very small components.
Protection features include input under-voltage lockout,
short-circuit protection, and thermal shutdown. Soft-
start limits inrush current during start-up conditions.
The device is available in a 3x3 mm 6-lead molded
leadless package (MLP), making it possible to build a
1.5 A complete DC-DC converter in limited space on the
printed circuit board (PCB).
Ordering Information
Part Number
Output Voltage
Operating Temperature Range
Package
FAN2012MPX
Adjustable
0°C to 85°C
3x3 mm 6-Lead MLP
FAN2012EMPX
Adjustable
-40°C to 85°C
3x3 mm 6-Lead MLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com