| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2AD2 bảng dữ liệu(PDF) 4 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
2AD2 bảng dữ liệu(HTML) 4 Page - Multicomp Pro |
|
4 / 4 page ![]() Page <4> V1.0 11/08/20 Toggle Switches Sub-Miniature Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Part Number Explanation 1AS2 T2 B4 M2 R E Model Number Actuator Bushing Terminations Contact Material Seal RoHS Compliant Model Number : 2AS2 = SP On-None-Mom, 2AS4 = SP Mom-Off-Mom, 2AS5 = SP On-Off-Mom, 2AD1 = DP On-None- On, 2AD2 = DP On-None-Mom, 2AD3 = DP On-Off-On and 2AD6 = DP On-On-On. Actuator : T2 = 6.10 High. Bushing : A1 = SP 4.65 High and A2 = DP 4.5 High. Terminations : M2 = PVC Through Hole, M6 = Right Angle, PVC Through Hole and M7 = Vertical Right Angle, PVC Through Hole. Contact Material : R = Gold Seal : E = Epoxy (STD) Part Number Table Description Part Number Switch, Toggle, DPDT, Vertical, On-Mom 2AD2T2A2M2RE Switch, Toggle, DPDT, Vertical, On-On 2AD1T2A2M2RE Switch, Toggle, DPDT, Vertical, On-Off-On 2AD3T2A2M2RE Switch, Toggle, DPDT, Vertical, On-On-On 2AD6T2A2M2RE Switch, Toggle, SPDT, Horizontal R/A, Mom-Off-Mom 2AS4T2A1M6RE Switch, Toggle, Horizontal R/A, On-Mom 2AD2T2A2M6RE Switch, Toggle, DPDT, Horizontal R/A, On-On 2AD1T2A2M6RE Switch, Toggle, DPDT, Horizontal R/A, On-On-On 2AD6T2A2M6RE Switch, Toggle, SPDT, Vertical R/A, On-Mom 2AS2T2A1M7RE Switch, Toggle, SPDT, Vertical R/A, Mom-Off-Mom 2AS4T2A1M7RE Switch, Toggle, SPDT, Vertical R/A, On-Off-Mom 2AS5T2A1M7RE Switch, Toggle, DPDT, Vertical R/A, On-Mom 2AD2T2A2M7RE Switch, Toggle, DPDT, Vertical R/A, On-On 2AD1T2A2M7RE Switch, Toggle, DPDT, Vertical R/A, On-Off-On 2AD3T2A2M7RE Switch, Toggle, DPDT, Vertical R/A, On-On-On 2AD6T2A2M7RE Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019. |