| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDC906 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDC906 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 46 page ![]() P S P SCLK SDATA A Bit 7 (MSB) Bit 6 Bit 0 (LSB) th(SDATA) tsu(SDATA) tsu(START) t(BUS) th(START) tr(SM) tr(SM) tf(SM) tf(SM) tW(SCLH) tW(SCLL) tsu(STOP) VIH(SM) VIL(SM) VIH(SM) VIL(SM) Not Recommended for New Designs CDC906 SCAS828B – SEPTEMBER 2006 – REVISED FEBRUARY 2008...................................................................................................................................... www.ti.com Byte Write Programming Sequence 1 7 1 1 8 1 8 1 1 S Slave Address Wr A CommandCode A Data Byte A P Figure 7. Byte Write Protocol Byte Read Programming Sequence 1 7 1 1 8 1 1 7 1 1 S Slave Address Wr A CommandCode A S Slave Address Rd A 8 1 1 Data Byte A P Figure 8. Byte Read Protocol Block Write Programming Sequence (1) 1 7 1 1 8 1 8 1 S Slave Address Wr A CommandCode A Byte Count N A 8 1 8 1 8 1 1 Data Byte 0 A Data Byte 1 A - - - - - Data Byte N–1 A P (1)Data Byte 0 is reserved for revision code and vendor identification. However, this byte is used for internal test. Do not write into it other than 0000 0000. Figure 9. Block Write Protocol Block Read Programming Sequence 1 7 1 1 8 1 1 7 1 1 S Slave Address Wr A CommandCode A Sr Slave Address Rd A 8 1 8 1 8 1 1 Byte Count N A Data Byte 0 A - - - - - Data Byte N–1 A P Figure 10. Block Read Protocol Figure 11. Timing Diagram Serial Control Interface 12 Submit Documentation Feedback Copyright © 2006–2008, Texas Instruments Incorporated Product Folder Link(s): CDC906 |