| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74HC86 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74HC86 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 27 page ![]() 11 Layout 11.1 Layout Guidelines When using multiple-input and multiple-channel logic devices inputs must not ever be left floating. In many cases, functions or parts of functions of digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used. Such unused input pins must not be left unconnected because the undefined voltages at the outside connections result in undefined operational states. All unused inputs of digital logic devices must be connected to a logic high or logic low voltage, as defined by the input voltage specifications, to prevent them from floating. The logic level that must be applied to any particular unused input depends on the function of the device. Generally, the inputs are tied to GND or VCC, whichever makes more sense for the logic function or is more convenient. 11.2 Layout Example 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 2A 2B 2Y GND V CC 4B 4A 3B 3A 3Y GND V CC 4Y 1Y 0.1 F Unused inputs tied to VCC Bypass capacitor placed close to the device Avoid 90° corners for signal lines Recommend GND flood fill for improved signal isolation, noise reduction, and thermal dissipation Unused output left floating Figure 11-1. Example layout for the CD74HC86 www.ti.com CD74HC86, CD54HC86 SCHS137E – AUGUST 1997 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: CD74HC86 CD54HC86 |