| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD54HC20 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC20 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 27 page ![]() 8.3.3 Clamp Diode Structure The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 8-1. CAUTION Voltages beyond the values specified in the Section 6.1 table can cause damage to the device. The recommended input and output voltage ratings may be exceeded if the input and output clamp- current ratings are observed. GND Logic Input Output VCC Device -IIK +IIK +IOK -IOK Figure 8-1. Electrical Placement of Clamping Diodes for Each Input and Output 8.4 Device Functional Modes Table 8-1. Function Table INPUTS OUTPUT A B C D Y H H H H L L X X X H X L X X H X X L X H X X X L H www.ti.com CD74HC20, CD54HC20 SCHS130D – AUGUST 1997 – REVISED MAY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: CD74HC20 CD54HC20 |