| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2591RGVR.B bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2591RGVR.B bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() RF_P RXTX RF_N RF_P RF_N CC2520 Connected to VDD/GND/MCU Alternatively from MCU RF_P RXTX RF_N = TLINE inductor CC2591 ANT PAEN EN HGM VDD VDD VDD VDD RF_P RXTX RF_N R151 NC PA_EN LNA_EN C41 C21 L21 L41 C1 L112 C113 C111 L111 C112 C161 C11/C12 C101/C102 C131/C132 CC2591 www.ti.com SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014 5.2.4 Connecting CC2591 to a CC2520 Device Table 5-4. Control Logic for Connecting CC2591 to a CC2520 Device PAEN EN RXTX HGM MODE OF OPERATION 0 0 NC X Power Down 0 1 NC 0 RX LGM 0 1 NC 1 RX HGM 1 0 NC X TX 1 1 NC X Not allowed Figure 5-4. CC2591 + CC2520 Application Circuit Copyright © 2008–2014, Texas Instruments Incorporated Applications, Implementation, and Layout 13 Submit Documentation Feedback Product Folder Links: CC2591 |