| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2591RGVT bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2591RGVT bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 26 page ![]() RF_P RXTX RF_N RF_P RF_N CC2500 CC2510 CC2511 Connected to VDD/GND/MCU Alternatively from MCU RF_P RXTX RF_N = TLINE inductor CC2591 ANT PAEN EN HGM VDD VDD VDD VDD RF_P RXTX RF_N R151 NC GDO0 GDO2 L112 C113 C111 L111 C112 C161 C11/C12 C101/C102 C131/C132 CC2591 SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014 www.ti.com 5.2.3 Connecting CC2591 to the CC2500, CC2510, or CC2511 Device Table 5-3. Control Logic for Connecting CC2591 to a CC2500/10/11 Devices PAEN EN RXTX HGM MODE OF OPERATION 0 0 NC X Power Down 0 1 NC 0 RX LGM 0 1 NC 1 RX HGM 1 0 NC X TX 1 1 NC X Not allowed Figure 5-3. CC2591 + CC2500/10/11 Device Application Circuit 12 Applications, Implementation, and Layout Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: CC2591 |