| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2590RGVT bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2590RGVT bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 22 page ![]() DEVICE INFORMATION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 GND ANT AVDD_PA2 GND NC RF_N RXTX RF_P QFN-164x4mm CC2590 SWRS080 – SEPTEMBER 2008 ........................................................................................................................................................................................ www.ti.com The CC2590 pinout and description are shown in Figure 1 and Table 1, respectively. PIN AND I/O CONFIGURATION (TOP VIEW) Figure 1. NOTE: The exposed die attach pad must be connected to a solid ground plane as this is the primary ground connection for the chip. Inductance in vias to the pad should be minimized. It is highly recommended to follow the reference layout. Changes will alter the performance. Also see the PCB landpattern information in this data sheet. For best performance, minimize the length of the ground vias, by using a 4-layer PCB with ground plane as layer 2 when CC2590 is mounted onto layer 1. 4 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): CC2590 |