| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC1010-RTY1 bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTY1 bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 150 page ![]() CC1010 SWRS047A Page 29 of 146 IE (0xA8) - Interrupt Enable Register Bit Name R/W Reset value Description 7 EA R/W 0 Global Interrupt enable / disable 0 : All interrupts except the Flash / debug interrupt are disabled 1 : Each interrupt is enabled by its individual masking bit 6 ES1 R/W 0 Serial Port 1 interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 5 - R/W 0 Reserved for future use 4 ES0 R/W 0 Serial Port 0 interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 3 ET1 R/W 0 Timer 1 interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 2 EX1 R/W 0 External interrupt 1 (from P3.3) enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 1 ET0 R/W 0 Timer 0 interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 0 EX0 R/W 0 External interrupt 0 (from P3.2) enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set EIE (0xE8) - Extended Interrupt Enable Register Bit Name R/W Reset value Description 7 - R1 1 Reserved, read as 1 6 - R1 1 Reserved, read as 1 5 - R1 1 Reserved, read as 1 4 RTCIE R/W 0 Realtime Clock interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 3 ET3 R/W 0 Timer 3 interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 2 ADIE R/W 0 ADC / DES interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 1 ET2 R/W 0 Timer 2 interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set 0 RFIE R/W 0 RF Interrupt enable / disable 0 : Interrupt is disabled 1 : Interrupt is enabled, when also EA is set |