công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAMC0106M25DENR bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện PAMC0106M25DENR
Giải thích chi tiết về linh kiện  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button PAMC0106M25DENR Datasheet HTML 11Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 12Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 13Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 14Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 15Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 16Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 17Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 18Page - Texas Instruments PAMC0106M25DENR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
Isolated modulators are widely used in application where a high-voltage domain is galvanically isolated from a
low-voltage domain for safety or functional reasons. A typical application is the sensing of the phase currents in
a frequency inverter.
7.2 Typical Application
Figure 7-1 shows a simplified schematic of a full-bridge motor drive that uses an AMC0106M25 to sense the
motor current. The current flowing through an external shunt resistor RSHUNT produces a voltage drop that is
sensed by the AMC0106M25. The AMC0106M25 digitizes the analog input signal on the high-side and transfers
the data across the isolation barrier to the low-side. The device then outputs the digital bitstream on the DOUT
pin that is synchronized to the clock applied to the CLKIN pin. The digital bitstream is processed by a low-pass
digital filter in a micro control unit (MCU) or FPGA.
The 48V DC link voltage in this application is sensed by an AMC0136 isolated modulator.
49.9
RSHUNT
1 nF
AVDD
AGND
INP
INN
AMC0106M25
DVDD
CLKIN
DOUT
DGND
4.7 uF
1 uF
100 nF
Low-side supply
(3.3 V or 5 V)
2
M
Gate
Driver
GND
1 nF
Signal Domain
Power Domain
+50 mV
0 V
–50 mV
D1
10 nF
100 nF
Gate
Driver
AVDD
AGND
IN
AGND
AMC0136
DVDD
CLKIN
DOUT
DGND
100 pF
+
–
48V
R1
R2
ICROSS
49.9
1 uF
100 nF
MCU
100 nF
1uF
DC/DC
GND
6V
5V
Figure 7-1. Using the AMC0106M25 for Current Sensing in a Full-Bridge 48V Motor Driver Design
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com