| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS7828 bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS7828 bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 36 page ![]() VDD SDA SCL Microcontroller or Microprocessor with I C Port 2 5 14 12 13 3 4 A0 A1 CH2 CH3 CH4 SCL 9 8 7 6 GND CH7 CH6 CH5 ADS7828-Q1 5 14 12 13 3 4 A0 A1 CH2 CH3 CH4 SCL 15 8 7 6 SDA CH7 CH6 CH5 ADS7828-Q1 5 14 12 13 3 4 A0 A1 CH2 CH3 CH4 SCL 15 8 7 6 SDA CH7 CH6 CH5 ADS7828-Q1 5 14 12 13 3 4 A0 A1 CH2 CH3 CH4 SCL 15 8 7 6 SDA CH7 CH6 CH5 ADS7828-Q1 Pullup Resistors 1 k to 10 k (typical) GND VDD ADS7828-Q1 www.ti.com SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016 8.1.1.1 Connecting Multiple Devices Connecting multiple ADS7828-Q1 devices to a single bus is simple. Using the address pin, the ADS7828-Q1 device can be set to one of four different I2C addresses. Figure 22 shows an example using three ADS7828-Q1 devices. Up to four ADS7828-Q1 devices (using different address pin configurations) can be connected to a single bus. Only one set of pullup resistors is require per bus. The pullup resistor values can be lowered slightly to compensate for the additional bus capacitance presented by multiple devices and increased line length. The ADS7828-Q1 power and input connections are omitted for clarity. The ADDR pin selects the I2C address. Figure 22. Connecting Multiple ADS7828-Q1 Devices Copyright © 2008–2016, Texas Instruments Incorporated Submit Documentation Feedback 23 Product Folder Links: ADS7828-Q1 |