công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1610IPAPT bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS1610IPAPT
Giải thích chi tiết về linh kiện  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1610IPAPT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS1610IPAPT Datasheet HTML 1Page - Texas Instruments ADS1610IPAPT Datasheet HTML 2Page - Texas Instruments ADS1610IPAPT Datasheet HTML 3Page - Texas Instruments ADS1610IPAPT Datasheet HTML 4Page - Texas Instruments ADS1610IPAPT Datasheet HTML 5Page - Texas Instruments ADS1610IPAPT Datasheet HTML 6Page - Texas Instruments ADS1610IPAPT Datasheet HTML 7Page - Texas Instruments ADS1610IPAPT Datasheet HTML 8Page - Texas Instruments ADS1610IPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
4.4
f
CLK
60 MHz
4.6
f
CLK
60 MHz
4.9
f
CLK
60 MHz
3.0
60 MHz
f
CLK
5.5
60 MHz
f
CLK
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
All specifications at –40
°C to 85°C, AVDD = 5V, DVDD = 3V, f
CLK = 60MHz, VREF = 3V, MODE = 00, VCM = 2.5V, and RBIAS
= 19k
Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER CHARACTERISTICS
Passband
0
MHz
Passband ripple
±0.0002
dB
–0.1dB attenuation
Passband transition
MHz
–3.0dB attenuation
Stop band
5.6
54.4
MHz
Stop band attentuation
80
See Figure 34
dB
td(grp)
Group delay
µs
ts
Settling time
To ±0.001%
µs
STATIC SPECIFICATIONS
Resolution
No missing codes
16
Bits
Input rms noise
Shorted input
1.0
1.4
LSB (rms)
1V input
±0.4
LSB
Integral nonlinearity
2.5V input
±1.5
LSB
Differential nonlinearity
±0.5
LSB
VIO
Offset error
T = 25°C
0.05
%FS
Offset drift
5
ppm/°C
G(ERR)
Gain error
T = 25°C
±0.3(1)
%FS
G
Gain drift
Excluding reference drift
10
ppm/°C
CMRR
Common-mode rejection ratio
At DC
60
dB
PSRR
Supply-voltage rejection ratiio
At DC
80
dB
VOLTAGE REFERENCE
Vref
Reference voltage, (VREFP - VREFN)
2.9
3.0
3.1
V
VREFP
3.6
4.0
4.4
V
VREFN
0.9
1.0
1.1
V
VMID
2.2
2.5
3.8
V
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.7DVDD
DVDD
V
VIL
Low-level input voltage
DGND
0.3DVDD
V
VOH
High-level output voltage
IOH = –50µA
0.8DVDD
V
VOL
Low-level output voltage
IOL = 50µA
0.2DVDD
V
Ilkg
Input leakage current
DGND < VDIGITAL INPUT < DVDD
±10
µA
POWER-SUPPLY REQUIREMENTS
VAVDD
AVDD voltage
4.9
5.0
5.1
V
VDVDD
DVDD voltage
2.7
3.0
3.6
V
IAVDD
AVDD current
150
170
mA
IDVDD
DVDD current
70
80
mA
960
1100
PD
Power dissipation
mW
PD = low
4
(1)
There is a constant gain error of 3.8% in addition to the variable gain eror of
±0.3%. Therefore, the gain error is 3.8 ±0.3%.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com