công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

86552153TLF bảng dữ liệu(PDF) 22 Page - Amphenol Communications Solutions

tên linh kiện 86552153TLF
Giải thích chi tiết về linh kiện  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

86552153TLF bảng dữ liệu(HTML) 22 Page - Amphenol Communications Solutions

Back Button 86552153TLF Datasheet HTML 15Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 16Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 17Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 18Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 19Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 20Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 21Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 22Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 23Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
26• METAL DUST CAPS
Shell
size
Connector Type
Compatibility
Part Numbers
Diameter
E
Male
86553148TLF
30
Female
86553113TLF
30
86553138TLF*
30
A
Male
86553149TLF
25
Female
86553114TLF
25
86553139TLF*
25
B
Male
86553150TLF
20
Female
86553115TLF
20
86553140TLF*
20
C
Male
86553151TLF
15
Female
86553116TLF
15
86553141TLF*
15
D
Male
86553152TLF
10
Female
86553117TLF
10
86553142TLF*
10
• Material: Steel
• Plating: Bright tin
27• PLASTIC DUST CAPS
• Material: Thermoplastic
• Color: Black
• For Red colour, to change the “B” to “C” in P/N logic, Eg: 70518CLF
Shell size
For Male Connector
A
B
For Female Connector
A
B
E
70518BLF
19.17
10.30
70523BLF
17.77
9.0
A
70519BLF
27.50
10.30
70524BLF
26.10
9.0
B
70520BLF
41.67
10.70
70525BLF
39.82
9.0
C
70521BLF
58.13
10.70
70526BLF
56.28
9.0
D
70522BLF
55.49
13.40
70527BLF
53.89
11.85
* Sealed caps IP 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23