công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

863093C09MLF bảng dữ liệu(PDF) 13 Page - Amphenol Communications Solutions

tên linh kiện 863093C09MLF
Giải thích chi tiết về linh kiện  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

863093C09MLF bảng dữ liệu(HTML) 13 Page - Amphenol Communications Solutions

Back Button 863093C09MLF Datasheet HTML 9Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 10Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 11Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 12Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 13Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 14Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 15Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 16Page - Amphenol Communications Solutions 863093C09MLF Datasheet HTML 17Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
Size
Dim A
Dim B
Dim C
9-way
32.2
42.0
14.5
15-way
40.8
42.3
14.9
25-way
54.0
42.3
14.9
37-way
70.5
48.0
15.1
Description
Size
Part Numbers
METAL HOOD 09
9-way
8655DMET1B13KLF
METAL HOOD 15
15-way
8655DMAT1B13KLF
METAL HOOD 25
25-way
8655DMBT1B13KLF
METAL HOOD 37
37-way
8655DMCT1B13KLF
15• ANGLE EXIT FULL METAL HOOD WITH RUBBER GROMMET, SHORT SCREWS
TECHNICAL INFORMATION
• Material: Zinc, Nickel Plated
• Operating Temperature Range: -40°C to +120°C
• Cable Entry: 45° Side Entry
Rubber Grommet RGS
• Strain relief: Clamp + Insert
• Thumbscrews: UNC 4-40 (Standard)
M2.5 or M3 on request
• Cable O.D: Up to 11.5mm
FEATURES
• 360° EMI Shielding
• Quick assembly
• Pre-mounted locking screws
• Supports all types of cables
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com