công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

47446-000LF bảng dữ liệu(PDF) 2 Page - Amphenol Communications Solutions

tên linh kiện 47446-000LF
Giải thích chi tiết về linh kiện  PV® WIRE-TO-BOARD CONNECTOR SYSTEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

47446-000LF bảng dữ liệu(HTML) 2 Page - Amphenol Communications Solutions

  47446-000LF Datasheet HTML 1Page - Amphenol Communications Solutions 47446-000LF Datasheet HTML 2Page - Amphenol Communications Solutions 47446-000LF Datasheet HTML 3Page - Amphenol Communications Solutions 47446-000LF Datasheet HTML 4Page - Amphenol Communications Solutions 47446-000LF Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DOUBLE ROW, POLARIZED, 65846 SERIES
Range: 04 to 72 positions
DOUBLE ROW, 65043 SERIES
Range: 04 to 72 positions
DOUBLE ROW, VERTICAL, 69168 SERIES
Range: 04 to 30 positions
DOUBLE ROW, 65043 SERIES
Range: 04 to 30 positions
MINI-LATCH RECEPTACLE HOUSINGS
0.100in. / 2.54mm pitch
SINGLE ROW, POLARIZED, 78211 SERIES
Range: 03 to 15 positions
SINGLE ROW, 65039 SERIES
Range: 01 to 36 positions
Maximum wire diameter for use in these housings is 1.52mm
SHROUDED PCB HEADERS
0.100in. / 2.54mm pitch
SINGLE ROW, VERTICAL, 69167 SERIES
Range: 03 to 15 positions
SINGLE ROW, 65039 SERIES
Range: 01 to 15 positions
PV® WIRE-TO-BOARD
CONNECTOR SYSTEM
For more information,
please contact: Communications@fci.com
or visit us at www.fci.com
Disclaimer
Please note that the above information is subject to change without notice.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com