công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

641237 bảng dữ liệu(PDF) 54 Page - TE Connectivity Ltd

tên linh kiện 641237
Giải thích chi tiết về linh kiện  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 bảng dữ liệu(HTML) 54 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 50Page - TE Connectivity Ltd 641237 Datasheet HTML 51Page - TE Connectivity Ltd 641237 Datasheet HTML 52Page - TE Connectivity Ltd 641237 Datasheet HTML 53Page - TE Connectivity Ltd 641237 Datasheet HTML 54Page - TE Connectivity Ltd 641237 Datasheet HTML 55Page - TE Connectivity Ltd 641237 Datasheet HTML 56Page - TE Connectivity Ltd 641237 Datasheet HTML 57Page - TE Connectivity Ltd 641237 Datasheet HTML 58Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
54
644329
644370
644371
644375
644376
644377
644381
644382
644383
644387
644388
644389
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Headers
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Product Facts
I
Provides four points of
contact
I
Greater current carrying
capability than Standard
MTA-156 Connectors
I
Connector styles include
both closed end and feed-
thru with locking ramp, with
and without polarizing tabs
in 2 through 12 positions
I
Available for wire ranges of
18 – 22 AWG [0.9– 0.3
mm]
I
Contacts are lubricated for
fretting corrosion protection
I
Complies with
Tyco Electronics Quality
Specification 102-6,
“Preparation of Design
Objectives”
I
Uses existing MTA applica-
tion tooling for termination
I
Quad connectors preloaded
with contacts
I
All contacts are slotted for
insulation displacement
(IDC) termination technique
I
Connectors and headers are
end-to-end stackable
I
AWG size is “frosted” on
the side of the connector
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR 7189
I
Satisfies the VDE require-
ments according to VDE
110, Insulation Group B,
250 vac for air and creep-
age paths
R
R
The MTA-156 Quad Con-
nector provides a connec-
tion with four points of
contact. The UL94V-0 rated
connector with multi-point
contacts provides greater
current carrying capability
than the Standard MTA-156
Connector. These connec-
tors comply with
Tyco Electronics Quality
Specification 102-6* and
satisfy the VDE requirements
according to VDE 110.
The connectors are avail-
able for wire ranges of
18 – 22 AWG [0.9– 0.3 mm2]
and in a variety of styles
including closed end and
feed-thru with locking ramp,
with and without polarizing
tabs.
Only one wire to be termin-
ated into an IDC contact
slot.
*The 102-6 Quality Specification is
the new procedure for “Preparation
of Design Objectives”. Its purpose is
to provide a means for verifying the
maximum current carrying capacity
of the device.
Note: Refer to pages 70 through 74
for approved wire listings.
The MTA-156 Quad Connectors
only mate with standard MTA-
156 square post headers and
use existing MTA application
tooling for termination.
Performance Data
Voltage Rating — 600 vac
Current Rating — 12.5 amp max. on a
single circuit.
For Multiple Circuit Loading —
refer to Product Specification for current
rating chart.
Low-Level Resistance —
3.0 m
max. initial
Dielectric Withstanding Voltage —
1500 vac/1 min.
Insulation Resistance —
5000 M
min. initial
Operating Temperature —
-55 C to
105 C
Technical Documents
Product Specifications
108-1219
MTA-156 Quad Connector
System
Application Specifications
114-1048
MTA-156 Quad
Connector
This matrix has been prepared to assist you, our customer,
in defining the correct mating halves for the MTA-156
header and connector combination. Where a “Y” is indi-
cated the combination is a valid mating pair.
MTA-156 IDC Quad Connectors
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com