| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CL-300-RSC-J-2 bảng dữ liệu(PDF) 1 Page - Omega Engineering, Inc. |
|
|
|||||||||||||||||||||||||||||
CL-300-RSC-J-2 bảng dữ liệu(HTML) 1 Page - Omega Engineering, Inc. |
|
|
1 / 1 page ![]() K-1 K Thermocouple Simulator CL540ZA U Source 14 Thermocouple Types U Easy-to-Read Backlight Display U Easily Change Thermocouple Types and Scale U Calibrate Directly in Temperature (ºC or ºF) U Compatible with All Process Instruments With the CL540ZA you can check and calibrate all your thermocouple instruments. Connect via a miniature thermocouple connector on the top end of the source. Use your own thermocouple wire connectors or order one of the cable accessories for easy operation out of the box. Easy to operate even in the dark areas of the plant with the backlit display. Stop carrying around a millivolt source and thermocouple tables. The CL540ZA works with the thermocouples you use including Types J, K, T, E, R, S, B, N, G, C, D, L (J-DIN), U (T-DIN) and P (Platinel II). Easily set any value quickly to within 0.1° with the adjustable digital potentiometer “DIAL” plus store any three temperatures for instant recall with the selector switch. You can also calibrate from -13.000 to +80.000 mV. Connect directly to the thermocouple inputs of smart transmitters, PLCs, controllers and multichannel recorders and verify their outputs or displays. Standard To Order Visit omega.com.cl540za for Pricing and Details Model No. Description CL540ZA Thermocouple simulator Comes complete with NIST certificate, one red and black lead set with retractable shield banana plugs with alligator clips, 4 “AA” alkaline batteries, and operator’s manual. * For CL-300-CABLE, insert one thermocouple Type: J, K, T, E, R/S, B, N, C; CL-300-RSC: J, K, T, E, or U Ordering Example: CL540ZA, thermocouple simulator with NIST certificate. OCW-2 OMEGACARESM extends standard 3-year warranty to a total of 5 years. Model No. Description SC-530 Soft carrying case 020-0209 Rubber boot CL-300-CABLE-(*)-2 0.6 m (2') thermocouple cable, SMP male to spade lugs CL-300-CABLE-(*)-10 3 m (10') thermocouple cable, SMP male to spade lugs CL-300-RSC-(*)-2 Retractable cable 0.6 m (2') Accessories SPECIFICATIONS Accuracy: ±(0.015% of reading + 0.006 mV) Cold Junction Compensation: ±0.25°C (±0.45°F) Operating Temperature Range: -25 to 60°C (-10 to 140°F) Millivolt Range: -13.000 to 80.000 mV Relative Humidity Range: 10% ≤ RH ≤ 90% 0 to 35°C (32 to 95ºF), non-condensing. 10% ≤ RH ≤ 70% 35 to 60°C (95 to 140ºF), non-condensing Dimensions: 126 L x 69 W x 45 mm D (4.96 x 2.73 x 1.79") With Boot: 144 L x 78 W x 52 mm D (5.67 x 3.06 x 2.05") Weight: 238 g (8.4 oz) (including batteries) With Boot: 311.8 g (11 oz) (including batteries) Batteries: Four “AA” Alkaline 1.5V (included) Battery Life: 50 hours Low Battery: Low battery indication with nominal 1 hour of operation left Protection Against Misconnection: Over-voltage protection to 60 Vdc (rated for 30 seconds) Display: High contrast graphic liquid crystal display. LED backlighting for use in low lit areas Source Output Impedance: < 0.3 Ω Source Current: > 20 mA (drives 80 mV into 10 Ω) Noise: ≤ 4 microvolts p-p for frequencies of 10 Hz or below Input Input Type Range Type Range 315 to 1820°C -240 to 1000°C 600 to 3308°F -400 to 1832°F -200 to 1200°C -230 to 1371°C -346 to 2192°F -382 to 2500°F -230 to 1300°C -13 to 1768°C -382 to 2372°F -1 to 3214°F -13 to 1768°C -260 to 400°C -1 to 3214°F -436 to 752°F -200 to 750°C 100 to 2320°C -328 to 1382°F 212 to 4208°F -1 to 2320°C -1 to 2320°C 30 to 4208°F 30 to 4208°F -200 to 600ºC -218 to 1395ºC -328 to 1112ºF -360 to 2543ºF (Unless otherwise indicated all specifications are rated from a nominal 23°C, 70% RH) U CL540ZA. Extended Warranty Program SM OMEGACARESM extended warranty program is available for models shown on this page. Ask your sales representative for full details when placing an order. OMEGACARESM covers parts, labor and equivalent loaners. |
Số phần tương tự - CL-300-RSC-J-2 |
|
Mô tả tương tự - CL-300-RSC-J-2 |