| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P-FF bảng dữ liệu(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
P-FF bảng dữ liệu(HTML) 2 Page - PANDUIT CORP. |
|
2 / 5 page ![]() ELECTRICAL SOLUTIONS Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. D1.90 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects (continued) PANDUIT Terminal Series Terminal Description Std. Wire Range (AWG) Wire Strip Length (In.) [+1/32;-0] Plier Tools Controlled Cycle Hand Tools Crimp Heads for Pneumatic CT-600-A Tool DNF-M Nylon insulated, funnel entry, barrel insulated, male disconnects 22 – 18 9/32 XX X X X X X X 16 – 14 9/32 XX X X X X X X 12 – 10 9/32 XX X X X X X X DNFR-B Nylon pre-insulated, right angle disconnects 22 – 18 9/32 X X 16 – 14 9/32 X X DNFR-FIB Nylon butted seam, right angle disconnects 22 – 18 11/32 X 16 – 14 11/32 X DNG-FB SUPRA GRIP ™ nylon, fully insulated disc., (except DNG14-187FB and DNG14-188FB) 22 – 18 1/4 X 16 – 14 1/4 X DNG-FL DISCO-LOK ™ nylon, fully insulated disconnects 22 – 18 1/4 X 16 – 14 1/4 X DNH Heat shrink disconnects 22 – 18 5/16 X 16 – 14 5/16 X 12 – 10 5/16 X DV Vinyl barrel insulated sleeved disconnects 12 – 10 9/32 X X X X X DV-B Vinyl insulated, butted seam disconnects 22 – 18 1/4 X X X X 16 – 14 1/4 X X X X DV-M Vinyl barrel insulated male blade adapters 22 – 18 9/32 XX X X X X X X X 16 – 14 9/32 XX X XX X X X X X DV-M Vinyl insulated male disconnects 12 – 10 9/32 X X X DV-MB Vinyl insulated butted seam male disconnects 22 – 18 9/32 X X X X X X 16 – 14 9/32 X XX X X X X DV-P Vinyl insulated piggyback disconnects 22 – 18 1/4 XX X X X X X X 16 – 14 1/4 XX X X X X X X DVF Vinyl funnel entry barrel insulated female disconnect 22 – 18 9/32 X X X X X 16 – 14 9/32 X X X X X J Non-insulated wire joints J214-312 14 – 12 1/2 X X J318-412 18 – 12 1/2 X X J216-410 16 – 10 3/4 X JN Nylon insulated wire joints JN224-318 24 – 16 7/16 X X X X X X X X JN218-216 22 – 16 7/16 X X X X X X X JN418-212 18 – 12 1/2 X X X X X X JN314-412 14 – 12 5/8 X P-HDR Non-insulated heavy duty rings 16 – 12 9/32 X XX X X X X P-P Non-insulated pin terminals 22 – 18 9/32 XX XX X X X 16 – 14 9/32 XX XX X X X 12 – 10 9/32 XX XX X X X X P-R Non-insulated large ring terminals 8 3/8 X 6 7/16 X 4 1/2 X 2 1/2 X Mechanical Tool/product approved combinations indicated on individual product pages. |