công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-HH500 bảng dữ liệu(PDF) 1 Page - Omega Engineering, Inc.

tên linh kiện SC-HH500
Giải thích chi tiết về linh kiện  RTD Simulators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMEGA [Omega Engineering, Inc.]
Trang chủ  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

SC-HH500 bảng dữ liệu(HTML) 1 Page - Omega Engineering, Inc.

  SC-HH500 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K-X
To Order
Model No.
Description
CL510A-1
RTD simulator, 1 Type (Pt100, 0.00385)
CL510A-10
RTD simulator, 10 Types
020-0209
Rubber boot
SC-HH500
Soft carrying case
Size: 126 L x 69 W x 45 mm H
(4.96 x 2.73 x 1.79")
Weight: 0.24 kg (8.4 oz)
(including batteries)
Batteries: 4 “AA” alkaline 1.5V
(included)
Battery Life: 50 hr
Low Battery: Low battery
indication with nominal 1 hour
of operation left
Protection Against
Misconnection: Over-voltage
protection to 60 Vdc (rated for
30 sec)
Display: High contrast graphic
liquid crystal display, LED
backlighting for use in low
lit areas
Source
Accuracy: From 1 to 10.2 mA
External Excitation Current:
±(0.015% of rdg + 0.05 Ω)
Below 1 mA of External
Excitation Current: ±(0.015%
of rdg + 0.01 mV/mA excitation
current + 0.05 Ω)
Resistance Ranges: 0.00 to
410.00, 410.1 to 4001.0 Ω
Allowable Excitation Current
Range, Steady or Pulsed/
Intermittent:
<410 Ω: 10.2 mA max
410 to 001 Ω: 1 mA max
Pulsed Excitation Current
Compatibility: DC to 0.01
second pulse width
The CL510A Series can check and
calibrate all your RTD instruments.
Take it into the shop, plant or field
without worry. It’s easy to operate
even in the dark areas of the
plant with the backlit display. Stop
carrying around a decade box
and RTD resistance tables, with the
CL510A you can calibrate directly
in temperature (°C and °F). Choose
between a single RTD type model,
CL510A-1 (Pt100, 0.00385), or a
CL510A-10 for multiple RTD types.
The CL510A-10 works with a wide
variety of RTD curves including
Platinm 100 (alpha = 3850,
3902, 3916, 3926) and 1000
(alpha = 3850, 3750) Ω, Copper
10 and 50 Ω, Nickel 100 and 120
Ω. Easily set any value quickly
to within 0.1° with the adjustable
digital potentiometer “DIAL”.
Connect directly to RTD inputs
of smart transmitters, PLCs,
controllers and multichannel
recorders and verify their displays.
Specifications
Unless otherwise indicated, all
specifications are rated from a nominal
23°C (73°F), 70% RH
Accuracy: ±(0.015% of Rdg + 0.05 Ω)
Temperature Drift: ±0.05 Ω/°C
Operating Temperature Range:
-25 to 60°C (-10 to 140°F)
Relative Humidity Range, 10% ≤RH:
≤90%: 0 to 35°C (32 to 95°F),
non-condensing
≤70%: 35 to 60°C (95 to 140°F),
non-condensing
CL510A Series
Comes complete with 4 “AA” alkaline batteries, NIST certificate of calibration (no points),
RTD wire kit with 2 red and 2 black leads with retractable shield banana plugs and spade lugs,
and operator’s manual.
Ordering Examples: CL510A-1, RTD simulator with NIST certificate.
OCW-2, OMEGACARESM extends standard 3-year warranty to a total of 5 years.
CL510A-10, RTD simulator with NIST certificate. OCW-2, OMEGACARESM extends
standard 3-year warranty to a total of 5 years.
RTD Simulators
U
Source One or Multiple
RTD Curves
U
High Accuracy
U
Easy-to-Read
Backlight Display
U
Calibrate Directly in
Temperature (°C or °F)
U
Compatible with All RTD
Process Instruments
CL510A-10.
OMEGACARESM extended warranty
program is available for models shown on
this page. Ask your sales representative
for full details when placing an order.
OMEGACARESM covers parts, labor and
equivalent loaners.
Extended Warranty
Program
SM
Leads
included.
K
Standard
No Points


Số phần tương tự - SC-HH500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
SC-HT600 PANASONIC-SC-HT600 Datasheet
3Mb / 32P
DVD Home Theater Sound System
SC-HT860 PANASONIC-SC-HT860 Datasheet
3Mb / 32P
DVD Home Theater Sound System
More results

Mô tả tương tự - SC-HH500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADM220 ETC1-ADM220 Datasheet
101Kb / 1P
RTD TRANSMITTER
logo
Extech Instruments Corp...
407907 EXTECH-407907 Datasheet
100Kb / 4P
RTD Thermometer
logo
ETAL Group
9510-G ETAL-9510-G Datasheet
180Kb / 4P
Simulators.
logo
Pepperl+Fuchs Inc.
FB5201B PF-FB5201B Datasheet
518Kb / 3P
RTD Converter
FB5204B PF-FB5204B Datasheet
617Kb / 4P
RTD Converter
FB5204B3 PF-FB5204B3 Datasheet
859Kb / 4P
RTD Converter
KFD0-TR-1 PF-KFD0-TR-1 Datasheet
864Kb / 5P
RTD Converter
KFD0-TR-EX1 PF-KFD0-TR-EX1 Datasheet
972Kb / 5P
RTD Converter
LB5001A PF-LB5001A Datasheet
513Kb / 3P
RTD Converter
2021-12-01
LB5004A PF-LB5004A Datasheet
667Kb / 3P
RTD Converter
2021-12-01
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com