công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSL-1021 bảng dữ liệu(PDF) 2 Page - PANDUIT CORP.

tên linh kiện PSL-1021
Giải thích chi tiết về linh kiện  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-1021 bảng dữ liệu(HTML) 2 Page - PANDUIT CORP.

  PSL-1021 Datasheet HTML 1Page - PANDUIT CORP. PSL-1021 Datasheet HTML 2Page - PANDUIT CORP. PSL-1021 Datasheet HTML 3Page - PANDUIT CORP. PSL-1021 Datasheet HTML 4Page - PANDUIT CORP. PSL-1021 Datasheet HTML 5Page - PANDUIT CORP. PSL-1021 Datasheet HTML 6Page - PANDUIT CORP. PSL-1021 Datasheet HTML 7Page - PANDUIT CORP. PSL-1021 Datasheet HTML 8Page - PANDUIT CORP. PSL-1021 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Lockout / Tagout | Hasp
Lockout Hasps
These devices provide the ideal solution when procedures require multiple workers on locked-out equipment.
Workers can be assigned a padlock (sold separately) with shackle diameter up to 9/32" to attach to the hasp before starting their task. Ensure the energy source stays
locked out — with multiple workers’ padlocks in the holes of the closed hasp. Once each worker completes their task, they remove their padlock. The hasp cannot be
removed until the last padlock is removed.
Aluminum Tag Hasps
Lock out more equipment with the large reach
hasp made to withstand tough and abusive
environments.
• Scissor-style hasp comprised of two high-strength
0.090" thick red anodized aluminum plates
• Accommodates up to six padlocks (sold separately)
• Crossover jaw ends prevent prying and tampering
• Get true 1 1/2" round reach with the full jaw opening
• Measures 7"H x 2 3/4"W
• Bold, contrasting red/white/black lockout hazard
message labels on both sides — with space to write in
necessary information
• Red octagon shape reinforces lockout status and
conveys STOP
Double-Cross Aluminum Tag Hasps
Lock out equipment with large reach,
pry-resistant hasps.
• Made of two red anodized, 0.090" aluminum plates
• Double-crossed, octagon-shaped jaws are offset to
cross over one another when closed, preventing the
hasp from being easily pried apart
• Openings provide optimal reach - 1 3/4" dia. on one
end and 3/4" dia. on the other
• Measures 7"H x 3 1/8"W (2 3/4" in the body) with
hazard message labels on both sides
• Red octagon shape reinforces lockout status and
conveys STOP
PSL-1023
UOM
Each
UOM
Each
Tag Hasp
Change out, insert, and secure a tag for each
lockout situation with the Tag Hasp.
• 5 1/4" x 3" hasp fits in the palm of the hand
• Lightweight, all-dielectric plastic design
• STOP-shaped octagon front panel contains
changeable Tab Tag (sold separately below)
Easy to use:
• Insert lockout tag over the top hole inside
the front panel
• Close down the 2 1/4" octagon panel
to hold the tag in place
• Insert the open end of the 1/4" wide loop
to lockout the device
• Hasp hangs by the 1 3/8" x 2 3/4" closed oval loop
• Secures with up to three padlocks (sold separately)
• Red octagon shape reinforces lockout status and
conveys STOP
PSL-1018
PSL-1019
Shown with
Padlocks,
Tab Tag, sold
separately
Open position to insert tag
Loop end brace and secure in place by padlock
Part No.
Opening
Length
UOM
PSL-1013
1"
4 1/2"
Each
PSL-1014
1 1/2"
5"
Each
English, Spanish,
and French labels
included.
PSL-1021
PSL-1022
Back
Crossover jaw
prevents prying
and tampering.
English, Spanish,
and French labels
included.
PSL-1024
Back
Aluminum Hasps
Non-Sparking style
• Padlock keeps hasp closed until the last
padlock is removed
• Red vinyl-coating
• Non-sparking aluminum
• Comes in 1" and 1 1/2" diameter openings
• Accommodates up to six padlocks
(sold separately)
Std. Qty. Pkg.
25
Tab Tags
• Unique tag design fits over
special octagon-shaped tab
• For use with Tag Hasp (above)
• Tag is secured when the device
is in the locked position
• Show the full face of the tag at
all times
• Tags measure 4 1/2" x 2 1/8"
• Durable, 0.015" rigid
plastic material
• Pack of 25
Back
Part No.
UOM
PSL-1020
Each



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com