| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24M01-HRMN6TP bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-HRMN6TP bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 30 page ![]() Device operation M24M01-R 18/30 3.10 Minimizing system delays by polling on ACK During the internal Write cycle, the device disconnects itself from the bus, and writes a copy of the data from its internal latches to the memory cells. The maximum Write time (tw) is shown in Table 11, but the typical time is shorter. To make use of this, a polling sequence can be used by the bus master. The sequence, as shown in Figure 9, is: ● Initial condition: a Write cycle is in progress. ● Step 1: the bus master issues a Start condition followed by a device select code (the first byte of the new instruction). ● Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and the bus master goes back to Step 1. If the device has terminated the internal Write cycle, it responds with an Ack, indicating that the device is ready to receive the second part of the instruction (the first byte of this instruction having been sent during Step 1). Figure 10. Read mode sequences 1. The seven most significant bits of the device select code of a Random Read (in the 1st and 4th bytes) must be identical. Dev sel * Byte addr Byte addr Dev sel Data out 1 AI01105d Data out N Current Address Read Dev sel Data out Random Address Read Dev sel * Data out Sequential Current Read Data out N Dev sel * Byte addr Byte addr Sequention Random Read Dev sel * Data out1 ACK R/W NO ACK ACK R/W ACK ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |