| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24M01-R bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-R bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 30 page ![]() Signal description M24M01-R 10/30 Figure 4. Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I 2C bus at maximum frequency fC = 400 kHz Figure 5. Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I 2C bus at maximum frequency fC = 1MHz 1 10 100 10 100 1000 Bus line capacitor (pF) fC = 400 kHz, tLOW = 1.3 µs Rbus x Cbus time constant must be less than 500 ns I²C bus master M24xxx Rbus VCC Cbus SCL SDA ai14796 1 10 100 10 100 Bus line capacitor (pF) fC = 1 MHz, tLOW = 500 ns, time constant Rbus x Cbus must be less than 150 ns fC = 1 MHz, tLOW = 700 ns, time constant Rbus x Cbus must be less than 270 ns ai14795 I²C bus master M24xxx Rbus VCC Cbus SCL SDA |