| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV702 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV702 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLV702125QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG | SN Level-1-260C-UNLIM -40 to 125 1M57 TLV702125QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1M57 TLV702125QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1M57 TLV70212QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B5H TLV70212QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B5H TLV70212QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B5H TLV70212QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H9 TLV70212QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H9 TLV70212QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H9 TLV70213QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H8 TLV70213QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H8 TLV70213QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H8 TLV70215QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B6H TLV70215QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B6H TLV70215QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B6H TLV70215QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HB TLV70215QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HB TLV70215QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HB TLV70218QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG | SN Level-1-260C-UNLIM -40 to 125 1B7H TLV70218QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1B7H TLV70218QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1B7H TLV70218QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HC TLV70218QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HC TLV70218QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HC TLV70225QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 G7 TLV70225QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 G7 TLV70225QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 G7 TLV70227QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B8H TLV70227QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B8H Addendum-Page 1 |