công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC320AC02IPM bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện TLC320AC02IPM
Giải thích chi tiết về linh kiện  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02IPM bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 40Page - Texas Instruments TLC320AC02IPM Datasheet HTML 41Page - Texas Instruments TLC320AC02IPM Datasheet HTML 42Page - Texas Instruments TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments TLC320AC02IPM Datasheet HTML 44Page - Texas Instruments TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments TLC320AC02IPM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
3–6
3.5.10
Power-Supply Rejection, VDD = 5 V (Unless Otherwise Noted) (see Note 17)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ADC VDD
Supply voltage rejection ratio ADC channel
fi = 0 to 30 kHz
50
ADC VDD
Supply-voltage rejection ratio, ADC channel
fi = 30 to 50 kHz
55
DAC VDD
Supply voltage rejection ratio DAC channel
fi = 0 to 30 kHz
40
DAC VDD
Supply-voltage rejection ratio, DAC channel
fi = 30 to 50 kHz
45
DGTL VDD Supply voltage rejection ratio ADC channel
fi = 0 to 30 kHz
50
DGTL VDD Supply-voltage rejection ratio, ADC channel
fi = 30 to 50 kHz
55
dB
Single ended,
fi = 0 to 30 kHz
40
dB
DGTL VDD Supply voltage rejection ratio DAC channel
fi = 30 to 50 kHz
45
DGTL VDD Supply-voltage rejection ratio, DAC channel
Differential,
fi = 0 to 30 kHz
40
fi = 30 to 50 kHz
45
† All typical values are at VDD = 5 V and TA = 25°C.
NOTE 17: Power supply rejection measurements are made with both the ADC and the DAC channels idle and a 200-mV
peak-to-peak signal applied to the appropriate supply.
3.5.11
Crosstalk Attenuation, VDD = 5 V (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ADC channel crosstalk attenuation
DAC channel idle with
DIN = 00000000000000,
ADC input = 0 dB,
1020-Hz sine wave,
Gain = 0 dB (see Note 18)
80
dB
DAC channel crosstalk attenuation
ADC channel idle with INP, INM,
AUX IN +, and AUX IN – at ADC VMID
80
dB
DAC channel crosstalk attenuation
DAC channel input = digital equivalent
of a 1020-Hz sine wave (see Note 19)
80
dB
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES: 18. The test signal is a 1020-Hz sine wave with a 0 dB = 6-V peak-to-peak reference level for the analog input
signal.
19. The input signal is the digital equivalent of a 1020-Hz sine wave (digital full scale = 0 dB). The nominal
differential DAC channel output with this input condition is 6 V peak to peak. The load impedance for the
DAC output buffer is 600
Ω from OUT+ to OUT–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com