| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BU941P bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU941P bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() BU941/BU941P BU941PFI HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON s NPN DARLINGTON s INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE s VERY RUGGED BIPOLAR TECHNOLOGY s HIGH OPERATING JUNCTION TEMPERATURE s WIDE RANGE OF PACKAGES APPLICATIONS s HIGH RUGGEDNESS ELECTRONIC IGNITIONS INTERNAL SCHEMATIC DIAGRAM December 1999 for TO-3 Emitter: pin 2 Base: pin1 Collector: tab ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t BU941 BU941P BUB941PFI VCES Collect or-Emitter Voltage (VBE = 0) 500 V VCEO Collect or-Emitter Voltage (IB = 0) 400 V VEBO Emitter-Base Voltage (IC =0) 5 V IC Collect or Current 15 A ICM Collect or Peak Current 30 A IB Base Current 1 A IBM Base Peak Current 5 A Ptot Tot al Dissipation at Tc =25 oC 180 155 65 W Tstg Storage T emperat ure -65 to 200 -65 to 175 -65 t o 175 oC Tj Max. O perating Junction Temperature 200 175 175 oC 1 2 3 TO-218 ISOWATT218 1 2 3 1 2 TO-3 ® 1/8 |
Số phần tương tự - BU941P |
|
Mô tả tương tự - BU941P |