| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL331-EP bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL331-EP bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 27 page ![]() 5.4 Recommended Operating Conditions, TL331-Q1, TL331E-Q1 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage 2 36 V TJ Junction temperature, TL331IDBVRQ1 –40 85 °C TJ Junction temperature, TL331QDBVRQ1 –40 125 °C TJ Junction temperature, TL331EDBVRQ1 -40 150 °C 5.5 Recommended Operating Conditions, TL331B-Q1 and TL391B-Q1 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage 2 36 V TJ Junction temperature –40 125 °C 5.6 Thermal Information THERMAL METRIC(1) TL331x-Q1, TL391B-Q1 UNIT DBV (SOT-23) 5 PINS RθJA Junction-to-ambient thermal resistance 211.7 °C/W RθJC(top) Junction-to-case (top) thermal resistance 133.6 °C/W RθJB Junction-to-board thermal resistance 79.9 °C/W ψJT Junction-to-top characterization parameter 56.4 °C/W ψJB Junction-to-board characterization parameter 79.6 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report. www.ti.com TL331-Q1, TL331B-Q1, TL391B-Q1 SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1 |