công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL331IDBVRQ1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TL331IDBVRQ1
Giải thích chi tiết về linh kiện  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TL331IDBVRQ1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TL331IDBVRQ1 Datasheet HTML 1Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 2Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 3Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 4Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 5Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 6Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 7Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 8Page - Texas Instruments TL331IDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 0: –40°C to 150°C
ambient operating temperature range (E
version)
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range (B and Q
versions)
– Device temperature grade 3: –40°C to
85°C ambient operating temperature range (I
version)
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• NEW TL331B-Q1 and TL391B-Q1
• Wide range of supply voltage, 2V to 36V
• Low supply-current drain independent of supply
voltage:
0.43mA Typ (B version)
• Low input bias current, 3.5nA typ (B version)
• Low input offset voltage, 0.37mV typ (B Version)
• Differential input voltage range equal to maximum-
rated supply voltage, ±36V
• Input range includes ground
• TL391B-Q1 provides an alternate pinout
• Output compatible With TTL, MOS and CMOS
2 Applications
• Automotive
• HEV/EV and power train
• Infotainment and cluster
• Body control module
3 Description
The TL331B-Q1 and TL391B-Q1 devices are the
next generation versions of the industry-standard
TL331-Q1
comparator.
These
next
generation
devices provide outstanding value for cost-sensitive
applications, with features including lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, dedicated ESD protection cells with improved
negative input voltage handling. The TL331B-Q1
can drop-in replace both the TL331-Q1 "I" and
"Q" versions. The TL391B-Q1 provides an alternate
pinout of the TL331B-Q1. The TL331E-Q1 extends
the temp range up to 150ºC, meeting AEC-Q100
Grade 0 temperature requirements.
This device consists of a single voltage comparator
designed to operate from a single power supply
over a wide range of voltages. Operation from dual
supplies also is possible if the difference between the
two supplies is 2V to 36V and VCC is at least 1.5V
more positive than the input common-mode voltage.
Current drain is independent of the supply voltage. To
achieve wired-AND relationships, one can connect the
output to other open-collector outputs.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TL331B-Q1,
TL391B-Q1,
TL331-Q1,
TL331E-Q1
SOT-23 (5)
2.90mm × 1.60mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Family Comparison Table
Specification
TL331B-Q1
TL391B-Q1
TL331I-Q1
TL331Q-Q1
TL331E-Q1
Units
Supply Voltage
2 to 36
2 to 36
2 to 36
2 to 36
V
Total Supply Current (5V to 36V max)
0.43
0.7
0.7
0.7
mA
Temperature Range
−40 to 125
-40 to 85
-40 to 125
-40 to 150
°C
ESD (HBM)
2000
2000
2000
2000
V
Offset Voltage (Max over temp)
± 4
± 9
± 9
± 9
mV
Input Bias Current (typ / max)
3.5 / 25
25 / 250
25 / 250
25 / 250
nA
Response Time (typ)
1
1.3
1.3
1.3
µsec
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Số phần tương tự - TL331IDBVRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL331IDBVRQ1 TI1-TL331IDBVRQ1 Datasheet
355Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331IDBVRQ1 TI1-TL331IDBVRQ1 Datasheet
703Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331IDBVRQ1 TI-TL331IDBVRQ1 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TL331IDBVRQ1 TI1-TL331IDBVRQ1 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
JANUARY 2025
More results

Mô tả tương tự - TL331IDBVRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TL331 TI1-TL331_V01 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
TLV9022-Q1 TI1-TLV9022-Q1 Datasheet
888Kb / 32P
TLV902x-Q1 and TLV903x-Q1 Precision Dual and Quad Automotive Comparators
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com