công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L452CEU3PTR bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện STM32L452CEU3PTR
Giải thích chi tiết về linh kiện  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452CEU3PTR bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button STM32L452CEU3PTR Datasheet HTML 40Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 41Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 42Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 43Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 44Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 45Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 46Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 47Page - STMicroelectronics STM32L452CEU3PTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 210 page
background image
Functional overview
STM32L452xx
44/210
DocID029968 Rev 3
without having any impact on the timing of “injected” conversions
–
“injected” conversions for precise timing and with high conversion priority
3.22
Random number generator (RNG)
All devices embed an RNG that delivers 32-bit random numbers generated by an integrated
analog circuit.
3.23
Timers and watchdogs
The STM32L452xx includes one advanced control timers, up to five general-purpose timers,
two basic timers, two low-power timers, two watchdog timers and a SysTick timer. The table
below compares the features of the advanced control, general purpose and basic timers.
Table 10. DFSDM1 implementation
DFSDM features
DFSDM1
Number of channels
8
Number of filters
4
Input from internal ADC
-
Supported trigger sources
10
Pulses skipper
-
ID registers support
-
Table 11. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
control
TIM1
16-bit
Up, down,
Up/down
Any integer
between 1
and 65536
Yes
4
3
General-
purpose
TIM2
32-bit
Up, down,
Up/down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM3
16-bit
Up, down,
Up/down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM15
16-bit
Up
Any integer
between 1
and 65536
Yes
2
1
General-
purpose
TIM16
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
Basic
TIM6
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com