công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS6042/3 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện THS6042/3
Giải thích chi tiết về linh kiện  275 mA, 12 V ADSL CPE LINE DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

THS6042/3 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  THS6042/3 Datasheet HTML 1Page - Texas Instruments THS6042/3 Datasheet HTML 2Page - Texas Instruments THS6042/3 Datasheet HTML 3Page - Texas Instruments THS6042/3 Datasheet HTML 4Page - Texas Instruments THS6042/3 Datasheet HTML 5Page - Texas Instruments THS6042/3 Datasheet HTML 6Page - Texas Instruments THS6042/3 Datasheet HTML 7Page - Texas Instruments THS6042/3 Datasheet HTML 8Page - Texas Instruments THS6042/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
THS6092, THS6093
275 mA, +12 V ADSL CPE LINE DRIVERS
SLOS345C − JANUARY 2001 − REVISED OCTOBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC+ = 12 V, VCC− = GND, RFEEDBACK = 750 Ω, RL = 25 Ω (unless otherwise noted) (continued)
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V
TA = 25°C
1.5 to 3.5
1.1 to 3.9
VICR
Input common-mode voltage range
VCC = 5 V
TA = full range
1.6 to 3.4
V
VICR
Input common-mode voltage range
VCC = 12 V
TA = 25°C
2.3 to 9.7
1.8 to 10.2
V
VCC = 12 V
TA = full range
2.4 to 9.6
VCC = 5 V
TA = 25°C
56
63
CMRR
Common-mode rejection ratio
VCC = 5 V
TA = full range
54
dB
CMRR
Common-mode rejection ratio
VCC = 12 V
TA = 25°C
50
56
dB
VCC = 12 V
TA = full range
48
RI
Input resistance
+ Input
1
M
Ω
RI
Input resistance
−Input
15
Ω
CI
Input capacitance
2
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 25 Ω
VCC = 5 V
1.4 to 3.6
1.1 to 3.9
VO
Output voltage swing
Single ended
RL = 25 Ω
VCC = 12 V
1.9 to 10.1
1.4 to 10.6
V
VO
Output voltage swing
Single ended
100 mV overdrive
RL = 100 Ω
VCC = 5 V
1.3 to 3.7
1.05 to 3.95
V
100 mV overdrive
RL = 100 Ω
VCC = 12 V
1.5 to 10.5
1.1 to 10.9
IO
Output current
RL = 3.6 Ω,
VCC = 5 V
240
mA
IO
Output current
RL = 10 Ω,
VCC = 12 V
240
275
mA
ISC
Short-circuit current
RL = 0 Ω,
VCC = 12 V
325
mA
Output resistance
Open loop
15
Ω
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Operating range
Dual supply
±2.25
±7
V
VCC
Operating range
Single supply
4.5
14
V
VCC = 5 V
TA = 25°C
6.7
8.8
mA
ICC
Quiescent current (each driver)
VCC = 5 V
TA = full range
10
mA
ICC
Quiescent current (each driver)
VCC = 12 V
TA = 25°C
7.3
9.5
mA
VCC = 12 V
TA = full range
10.5
mA
VCC = 5 V
TA = 25°C
-54
−58
PSRR
Power supply rejection ratio
VCC = 5 V
TA = full range
-46
−
dB
PSRR
Power supply rejection ratio
VCC = 12 V
TA = 25°C
-58
−70
dB
VCC = 12 V
TA = full range
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com