công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75468D.A bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN75468D.A
Giải thích chi tiết về linh kiện  SN7546x Darlington Transistor Arrays
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN75468D.A bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN75468D.A Datasheet HTML 1Page - Texas Instruments SN75468D.A Datasheet HTML 2Page - Texas Instruments SN75468D.A Datasheet HTML 3Page - Texas Instruments SN75468D.A Datasheet HTML 4Page - Texas Instruments SN75468D.A Datasheet HTML 5Page - Texas Instruments SN75468D.A Datasheet HTML 6Page - Texas Instruments SN75468D.A Datasheet HTML 7Page - Texas Instruments SN75468D.A Datasheet HTML 8Page - Texas Instruments SN75468D.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SN75468, SN75469
SLRS023E – DECEMBER 1976 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCE
Collector-emitter voltage
100
V
VI
Input voltage(2)
30
V
Peak collector current
500
mA
IOK
Output clamp current
500
mA
Total emitter-terminal current
–2.5
A
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
0
5
V
VCC
0
100
V
TJ
Junction Temperature
–40
125
°C
7.4 Thermal Information
SN7546x
THERMAL METRIC(1)
D
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
73
RθJC(top)
Junction-to-case (top) thermal resistance
40.3
RθJB
Junction-to-board thermal resistance
38.9
°C/W
ψJT
Junction-to-top characterization parameter
10.9
ψJB
Junction-to-board characterization parameter
38.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: SN75468 SN75469



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com