công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1G79DBVR.A bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện SN74LVC1G79DBVR.A
Giải thích chi tiết về linh kiện  SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G79DBVR.A bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74LVC1G79DBVR.A Datasheet HTML 1Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 2Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 3Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 4Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 5Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 6Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 7Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 8Page - Texas Instruments SN74LVC1G79DBVR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
SN74LVC1G79
SCES220U – APRIL 1999 – REVISED APRIL 2017
www.ti.com
Product Folder Links: SN74LVC1G79
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements: TA = –40°C to +85°C ............ 6
6.7
Timing Requirements: TA = –40°C to +125°C .......... 6
6.8
Switching Characteristics: CL = 15 pF, TA = –40°C to
+85°C ......................................................................... 7
6.9
Switching Characteristics: CL = 30 or 50 pF, TA =
–40°C to +85°C.......................................................... 7
6.10
Switching Characteristics: CL = 30 pF or 50 pF, TA
= –40°C to +125°C..................................................... 7
6.11
Operating Characteristics........................................ 7
6.12
Typical Characteristics ............................................ 8
7
Parameter Measurement Information .................. 9
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 12
9
Application and Implementation ........................ 13
9.1
Application Information............................................ 13
9.2
Typical Application ................................................. 13
10
Power Supply Recommendations ..................... 14
11
Layout................................................................... 14
11.1
Layout Guidelines ................................................. 14
11.2
Layout Example .................................................... 14
12
Device and Documentation Support ................. 15
12.1
Documentation Support ........................................ 15
12.2
Receiving Notification of Documentation Updates 15
12.3
Community Resources.......................................... 15
12.4
Trademarks ........................................................... 15
12.5
Electrostatic Discharge Caution ............................ 15
12.6
Glossary ................................................................ 15
13
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision T (December 2013) to Revision U
Page
•
Added Device Information table, ESD Ratings table, Thermal Information table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
•
Changed thermal information to align with JEDEC standards. ............................................................................................. 5
Changes from Revision S (November 2007) to Revision T
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Removed Ordering Information table. .................................................................................................................................... 1
•
Updated Ioff in Features. ......................................................................................................................................................... 1
•
Updated operating temperature range. .................................................................................................................................. 5
•
Added ESD warning. ............................................................................................................................................................ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com