công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1G79DBVT.B bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện SN74LVC1G79DBVT.B
Giải thích chi tiết về linh kiện  SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G79DBVT.B bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button SN74LVC1G79DBVT.B Datasheet HTML 10Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 11Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 13Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 14Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 15Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 16Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 17Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
WORST
BETTER
BEST
1W min.
W
Non-inverted Output (Q)
Non-inverted Output (Q)
Positive Supply Voltage (VCC)
14
SN74LVC1G79
SCES220U – APRIL 1999 – REVISED APRIL 2017
www.ti.com
Product Folder Links: SN74LVC1G79
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 8. Data Retention With VCC Glitch Down to 1.5 V
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in
Recommended Operating Conditions. A 0.1-µF bypass capacitor is recommended to be connected from the VCC
terminal to GND to prevent power disturbance. To reject different frequencies of noise, use multiple bypass
capacitors in parallel. Capacitors with values of 0.1 µF and 1 µF are commonly used in parallel. The bypass
capacitor must be installed as close to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of
the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self–inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces must
turn corners. Figure 9 shows progressively better techniques of rounding corners. Only the last example (BEST)
maintains constant trace width and minimizes reflections.
11.2 Layout Example
Figure 9. Trace Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com