công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS03DR bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện SN74HCS03DR
Giải thích chi tiết về linh kiện  SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt- Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS03DR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74HCS03DR Datasheet HTML 6Page - Texas Instruments SN74HCS03DR Datasheet HTML 7Page - Texas Instruments SN74HCS03DR Datasheet HTML 8Page - Texas Instruments SN74HCS03DR Datasheet HTML 9Page - Texas Instruments SN74HCS03DR Datasheet HTML 10Page - Texas Instruments SN74HCS03DR Datasheet HTML 11Page - Texas Instruments SN74HCS03DR Datasheet HTML 12Page - Texas Instruments SN74HCS03DR Datasheet HTML 13Page - Texas Instruments SN74HCS03DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
In this application, a two-input NAND gate with open-drain outputs is used to drive an LED. The remaining gates
can be used for other applications in the system, or the inputs can be grounded and the channels left unused.
The SN74HCS03-Q1 is used to turn on an indicator LED. The LED will light up when the power good signals are
High, indicating that the power supplies have reached the desired voltage.
9.2 Typical Application
Power
Good 1
R1
Power
Good 2
VCC
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HCS03 plus the maximum supply current, ICC, listed in Electrical Characteristics. The logic device can only
sink as much current as is provided by the external pull-up resistor or other supply source. Be sure not to exceed
the maximum total current through GND listed in the Absolute Maximum Ratings.
The SN74HCS03 can drive a load with a total capacitance less than or equal to 50 pF connected to a high-
impedance CMOS input while still meeting all of the datasheet specifications. Larger capacitive loads can be
applied, however it is not recommended to exceed 70 pF.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and C
pd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.
CAUTION
The maximum junction temperature, T J(max) listed in the Absolute Maximum Ratings, is an
additional limitation to prevent damage to the device. Do not violate any values listed in the Absolute
Maximum Ratings. These limits are provided to prevent damage to the device.
SN74HCS03
SCLS777A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com