| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L452RET6P bảng dữ liệu(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452RET6P bảng dữ liệu(HTML) 89 Page - STMicroelectronics |
|
89 / 210 page ![]() DocID029968 Rev 3 89/210 STM32L452xx Electrical characteristics 186 |∆VDDx| Variations between different VDDX power pins of the same domain -50 mV |VSSx-VSS| Variations between all the different ground pins(5) -50 mV 1. All main power (VDD, VDDA, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 2. VIN maximum must always be respected. Refer to Table 21: Current characteristics for the maximum allowed injected current values. 3. This formula has to be applied only on the power supplies related to the IO structure described in the pin definition table. 4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled. 5. Include VREF- pin. Table 20. Voltage characteristics(1) (continued) Symbol Ratings Min Max Unit Table 21. Current characteristics Symbol Ratings Max Unit ∑IVDD Total current into sum of all VDD power lines (source)(1)(2) 140 mA ∑IVSS Total current out of sum of all VSS ground lines (sink)(1) 140 IVDD(PIN) Maximum current into each VDD power pin (source)(1) 100 IVSS(PIN) Maximum current out of each VSS ground pin (sink)(1) 100 IIO(PIN) Output current sunk by any I/O and control pin except FT_f 20 Output current sunk by any FT_f pin 20 Output current sourced by any I/O and control pin 20 ∑IIO(PIN) Total output current sunk by sum of all I/Os and control pins(3) 100 Total output current sourced by sum of all I/Os and control pins(3) 100 IINJ(PIN)(4) Injected current on FT_xxx, TT_xx, RST and B pins, except PA4, PA5 -5/+0(5) Injected current on PA4, PA5 -5/0 ∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(6) 25 1. All main power (VDD, VDDA, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supplies, in the permitted range. 2. Valid also for VDD12 on SMPS packages. 3. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count QFP packages. 4. Positive injection (when VIN > VDDIOx) is not possible on these I/Os and does not occur for input voltages lower than the specified maximum value. 5. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 20: Voltage characteristics for the maximum allowed input voltage values. 6. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative injected currents (instantaneous values). |