| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSR1640FCT bảng dữ liệu(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MSR1640FCT bảng dữ liệu(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
2 / 2 page ![]() 0 4 8 12 0 50 100 150 MOUNTES ON 4:4 INCH CPUFER PC BOARD Lead length 16 175 25 75 125 0 25 1 100 125 50 75 100 10 8.3ms Single Half Sine Wave TJ=125 0.01 50 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 0.1 1 10 MSR1605FCT- MSR1620FCT MSR1640FCT MSR1660FCT Pulse Width=300µs 2% DUTY CYCLE FIG.1 --TYPICAL FORWARD CHARACTERISTIC FIG.2--TYPICALREVERSE CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE,VOLTS PERCENT OF RATEDPEAKREVERSEVOLTAGE, FIG.3 -- PEAK FORWARD SURGE CURRENT FIG.4 -- FORWARD DERATING CURVE CASE TEMPERATURE, NUMBER OF CYCLES AT60Hz TJ=150℃ TJ=75℃ TJ=25℃ 1000 1 0.1 0.01 10 100 80 0 20 40 60 100 TJ=25℃ MSR1605FCT-MSR1660FCT Ultra Fast Rectifiers 8A*2 FRED Pt Ratings AND Charactieristic Curves http://www.lgesemi.com Revision:20240607-P2 mail:lge@lgesemi.com TO-220 50pcs/Tube 558×148×38 1000 565×225×175 5000 Packge Packing Box Size L×W×H(mm) Quatity(pcs/box) Carton Size L×W×H(mm) Quatity(pcs/carton) |