công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32MP151AAA3 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STM32MP151AAA3
Giải thích chi tiết về linh kiện  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAA3 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STM32MP151AAA3 Datasheet HTML 1Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 2Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 3Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 4Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 5Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 6Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 7Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 8Page - STMicroelectronics STM32MP151AAA3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 245 page
background image
Contents
STM32MP151A
4/245
DS12500 Rev 1
3.19
Flexible memory controller (FMC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.20
Dual Quad-SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . 35
3.21
Analog-to-digital converters (ADCs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.22
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.23
Digital temperature sensor (DTS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.24
VBAT operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.25
Digital-to-analog converters (DAC1, DAC2) . . . . . . . . . . . . . . . . . . . . . . . 37
3.26
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
3.27
Digital filter for sigma delta modulators (DFSDM1) . . . . . . . . . . . . . . . . . 38
3.28
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.29
LCD-TFT display controller (LTDC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.30
True random number generator (RNG1, RNG2) . . . . . . . . . . . . . . . . . . . 40
3.31
Hash processors (HASH1, HASH2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.32
Boot and security and OTP control (BSEC) . . . . . . . . . . . . . . . . . . . . . . . 41
3.33
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.33.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.33.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM12, TIM13, TIM14,
TIM15, TIM16, TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.33.3
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.33.4
Low-power timer (LPTIM1, LPTIM2, LPTIM3, LPTIM4, LPTIM5) . . . . . 44
3.33.5
Independent watchdog (IWDG1, IWDG2) . . . . . . . . . . . . . . . . . . . . . . . 44
3.33.6
System window watchdog (WWDG1) . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.33.7
SysTick timer (Cortex-M4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.33.8
Generic timers (Cortex-A7 CNT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.34
System timer generation (STGEN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.35
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.36
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.37
Inter-integrated circuit interface (I2C1, I2C2, I2C3, I2C4, I2C5, I2C6) . . . 48
3.38
Universal synchronous asynchronous receiver transmitter
(USART1, USART2, USART3, USART6 and UART4, UART5,
UART7, UART8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.39
Serial peripheral interface (SPI1, SPI2, SPI3, SPI4, SPI5,
SPI6)– inter- integrated sound interfaces (I2S1, I2S2, I2S3) . . . . . . . . . . 49
3.40
Serial audio interfaces (SAI1, SAI2, SAI3, SAI4) . . . . . . . . . . . . . . . . . . . 50
3.41
SPDIF receiver interface (SPDIFRX) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More