| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FMA6528ST bảng dữ liệu(PDF) 2 Page - Omega Engineering, Inc. |
|
|
|||||||||||||||||||||||||||||
FMA6528ST bảng dữ liệu(HTML) 2 Page - Omega Engineering, Inc. |
|
2 / 4 page ![]() D-XX D Contact Closure Two sets of dry contact relay outputs are provided to actuate user supplied equipment. These are programmable via the digital interface such that the relays can be made to switch when a specified event occurs (e.g. when a low or high flow alarm limit is exceeded or when the totalizer reaches a specified value). Valve Override Means are provided to force the control valve fully open (purge) or fully closed via either the analog or digital interfaces. Self Diagnostics Whenever power is first applied, the FMA6500ST runs a series of self diagnostic tests to ensure that it is in optimum working condition. Engineering Units The flow setpoint, measured gas flow and associated totalizer data is scaled directly in engineering units via digital interface com- mands. The following units of measure are supported: % of FS, mL/min, mL/hr, scfm, scfh, sL/ min, sL/hr, lbs/hr, lbs/min, and one user defined unit of measure. Leak Integrity 1 x 10-9 smL/sec of helium maximum to the outside environment. Balanced Power Supply The FMA6500ST operates on ±15 Vdc. The current requirements for the positive and negative power supplies are balanced such that the current in the power supply common connection is minimized. Maximum power consumption is 13.5 watts at ±15 Vdc. Auto Zero The FMA6500ST automatically nulls the sensor zero offset whenever the flow setpoint is below 2% FS. To accommodate this feature the control valve must fully close under that condition. Provisions are made to either disable, force, or store thecurrent auto zero via digital commands. Totalizer The firmware for the FMA6500ST provides functions to register total gas quantity. The total mass of gas is calculated by integrating the actual gas flow rate with respect to time. Digital interface commands are provided to: set the totalizer to zero, start/stop totalizing the flow, read the totalizer, start the totalizer at a preset flow, and stop the flow at a preset total. Multi-Gas Calibration Option The FMA6500ST is capable of storing primary calibration data for up to 10 gases. This feature allows the same FMA6500ST to be calibrated for multiple gases while maintaining the rated accuracy on each. Standard 10-Point NIST Calibration Optional up to 9 additional 10-point calibration may be ordered at an additional cost per gas. Conversion Factors Conversion factors for up to 256 gases are stored in the FMA6500ST. Conversion factors may be applied to any of the ten gas calibrations via digital interface commands. Flow Alarms High and Low gas flow ALARM limits are programmed using the digital interface. Alarm conditions are reported via the digital interface or can activate the contact closure outputs. Programmable Flow OMEGA® software supports programmable flow modes, allowing execution of custom programming of up to ten steps. Various flow configurations include ramping, linearized increasing, and decreasing modes. Autotune The autotune function allows the FMA6500ST to automatically optimize control response for the gas under actual process conditions. During the autotune process, the instrument adjusts PID gains for optimum step response and deter- mine key control valve characteristics (only available on units with less than 80 L/min maximum flow). FMA6502ST, shown smaller than actual size. SPECIFICATIONS Accuracy (including linearity): 15 to 25°C (59 to 77°F) and 0.7 to 4 bar (10 to 60 psia): ±1% of FS, 0 to 50°C (32 to 122°F) and 0.3 to 10 bar (5 to 150 psia): ±2% of FS, ±1% of FS at a specific temperature and pressure with special calibration Repeatability: ±0.15% FS Turndown Ratio: 50:1 Response Time: 0.6 to 1.0 s to within ±2% of setpoint over 20% to 100% FS Temperature Coefficient: 0.05% of full scale/°C or better Pressure Coefficient: 0.01% FS/psi (0.07 bar) or better Leak Integrity: 1 x 10-9 smL/sec Helium maximum to the outside environment Optimum Gas Pressure: 1.73 bar (25 psig) Maximum Gas Pressure: 34.5 bar (500 psig) Maximum Diff. Pressure: 3.4 bar (50 psig) for up to 10 LPM, 2.8 bar (40 psig) for 15 LPM and greater Gas and Ambient Temperature: 5 to 50°C (41 to 122°F) Output Signals: Linear 0 to 5 Vdc (2000 Ω min load impedance); 0 to 10 Vdc (4000 Ω min impedance); 4 to 20 mA optional (0 to 500 Ω loop resistance) Communication Interface: RS485, standard; RS232, optional Transducer Input Power: ±15 Vdc, 450 mA maximum Wetted Parts: 316 stainless steel, 416 stainless steel, FKM O-rings Neoprene or Perfluoroelastomer O-rings optional Connections: Standard ¹⁄₄" compression fittings up to 30 LPM models; for 60 LPM models and greater: ³⁄₈ " compression fittings Circuit Protection: Circuit boards have built-in polarity reversal protection; resettable fuses provide power input protection Calibration Options: Standard 10-point NIST calibration optional up to 9 additional 10-point calibrations may be ordered for a additional cost per gas |