công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMA6526ST bảng dữ liệu(PDF) 1 Page - Omega Engineering, Inc.

tên linh kiện FMA6526ST
Giải thích chi tiết về linh kiện  gas Mass Flow Controllers With RS485 Standard and Alarm Functions For Clean Gases
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMEGA [Omega Engineering, Inc.]
Trang chủ  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

FMA6526ST bảng dữ liệu(HTML) 1 Page - Omega Engineering, Inc.

  FMA6526ST Datasheet HTML 1Page - Omega Engineering, Inc. FMA6526ST Datasheet HTML 2Page - Omega Engineering, Inc. FMA6526ST Datasheet HTML 3Page - Omega Engineering, Inc. FMA6526ST Datasheet HTML 4Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D-XX
U
Digital and Analog
Modes Operate
Simultaneously
U
Programmable Flow
Configurations
U
RS485 Standard,
Multi-Drop Capability
of Up to 256 units
U
Stores Calibration Data
for Up to 10 Gases
U
Totalizer Indicates
Total Gas Quantity
U
Alarm Limits for High
and Low Gas Flow
U
Conversion Factors
for Up to 256 Gases
U
Autotune Function
for Optimum
Control Response
U
Self Diagnostic Tests
Microprocessor driven digital flow
controllers allow one to program,
record, and analyze flow rates of
various gases with a computer via
an RS485 interface (optional
RS232 is available).
Controllers can be programmed for
various control functions including,
flow setpoint, totalizer, stop totalizer,
read totalizer, totalizer from preset
flow, stop at preset total, auto zero,
and more.
Principles of Operation
Metered gases are divided into two
laminar flow paths, one through the
primary flow conduit, and the other
through a capillary sensor tube.
Both flow conduits are designed
to ensure laminar flow, therefore,
the ratio of their flow rates remains
constant. Two precision temperature
sensing windings on the sensor
tube are heated, and when flow
takes place, gas carries heat from
the upstream to the downstream
windings. The resultant temperature
differential is proportional to the
change in resistance of the sensor
windings.
A Wheatstone bridge
design is used to monitor the
temperature dependent resistance
gradient on the sensor windings
which is linearly proportional to the
instantaneous rate of flow. The
output of the Wheatstone bridge
is converted to digital format with
a 12-Bit Adc (analog to digital
converter).
An on-board microprocessor and
nonvolatile memory store all
calibration factors and directly
control a proportional
electromagnetic valve. The digital
closed loop control system
continuously compares the mass
flow output with the selected flow
rate. Deviations from the setpoint are
corrected by compensating valve
adjustments, with PID algorithm,
thus maintaining the desired flow
parameters with a high degree of
accuracy. Output signals of
0 to 5 Vdc or 4 to 20 mA are
generated indicating mass molecular
based flow rates of the metered gas.
Interface
The digital interface operates
via RS485 (optional RS232) and
provides access to applicable
internal data including: flow set-
point, actual flow, zero adjustments,
and linearization table adjustments.
The analog interface provides 0 to
5 Vdc, 0 to 10 Vdc and 4 to 20 mA
inputs and outputs.
FMA6502ST shown
smaller than actual size.
FMA6500ST Series
gas Mass Flow Controllers
with rs485 standard and alarm Functions
For Clean gases
Standard


Số phần tương tự - FMA6526ST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FMA65N15T2 ISC-FMA65N15T2 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FMA6526ST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
Mass flow sensor for gases
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
Mass flow sensors for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
Mass flow sensors for gases
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com