công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMA6516ST bảng dữ liệu(PDF) 4 Page - Omega Engineering, Inc.

tên linh kiện FMA6516ST
Giải thích chi tiết về linh kiện  gas Mass Flow Controllers With RS485 Standard and Alarm Functions For Clean Gases
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMEGA [Omega Engineering, Inc.]
Trang chủ  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

FMA6516ST bảng dữ liệu(HTML) 4 Page - Omega Engineering, Inc.

  FMA6516ST Datasheet HTML 1Page - Omega Engineering, Inc. FMA6516ST Datasheet HTML 2Page - Omega Engineering, Inc. FMA6516ST Datasheet HTML 3Page - Omega Engineering, Inc. FMA6516ST Datasheet HTML 4Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D-XX
D
Comes complete with operator’s manual, software, cable (FMA65-C), and NIST certificate.
Power supply sold separately.
* Specify gas or gases and inlet/outlet pressure. Calibrations done at ambient [20ºC (70ºF)]
temperature only.
** Flow ranges specified are for nitrogen or air at 20 psig inlet (up to 50 SLM) or 25 psig inlet
(60 to 100 SLM units) and 0 psig outlet, see above ordering chart.
For RS232 communications (replaces RS485), add suffix “
-RS232” to model number, no
additional cost.
For 4 to 20 mA output (replaces 0 to 5V), add suffix “
-I” to model number, no additional cost.
For Perfluoroelastomer O-rings (replaces FKM O-rings), add suffix “
-K” to model number,
for additional cost.
Ordering Examples: FMA6512ST, mass flow controller, and FMA65PWC power supply.
FMA6542ST, mass flow controller, and FMA65PWC power supply.
Model No.
Description
FMA65-C
Replacement cable 25 pin D-conn with 1.8 m (6') wire, branch
to power supply
FMA65PWC
Power supply with 25 pin female D-conn 110 Vac (±15 Vdc)
branch 1.8 m (6') wire to computer port, stripped
FMA65PWA
Power supply with 25 pin female D-conn 110 Vac (±15 Vdc)
branch 1.8 m (6') wire to analog interface
FMA65EPWC
European power supply with 25 pin female D-conn 230 Vac
(±15 Vdc) branch 1.8 m (6') wire to computer port, stripped
FMA65UKPWC UK power supply with 25 pin female D-conn 230 Vac (±15 Vdc)
branch 1.8 m (6') wire to computer port, stripped
FMA65-C15
25 pin D-conn with 1.8 m (6') wire to 15 pin DM, branch 1.8 m
(6'), wire to computer port, stripped
FMA65-CAL-(*) 10-point NIST calibration per gas; specify up to 9 gases
(specify primary gas on FMA6500, inlet/outlet,
and temperature)
Accessories
FMA6502ST
shown smaller
than actual size.
To Order
Model No.
Maximum Flowrate**
Compression Fitting
Maximum Pressure Drop (psid)
FMA6502ST
10 SCCM
¹⁄₄
"
1.06
FMA6504ST
20 SCCM
¹⁄₄
"
1.06
FMA6506ST
50 SCCM
¹⁄₄
"
1.06
FMA6508ST
100 SCCM
¹⁄₄
"
1.06
FMA6510ST
200 SCCM
¹⁄₄
"
1.06
FMA6512ST
500 SCCM
¹⁄₄
"
1.06
FMA6514ST
1 SLM
¹⁄₄
"
1.06
FMA6516ST
2 SLM
¹⁄₄
"
1.06
FMA6518ST
5 SLM
¹⁄₄
"
1.06
FMA6520ST
10 SLM
¹⁄₄
"
3.87
FMA6523ST
15 SLM
¹⁄₄
"
2.00
FMA6524ST
20 SLM
¹⁄₄
"
3.50
FMA6526ST
30 SLM
¹⁄₄
"
8.00
FMA6528ST
50 SLM
¹⁄₄
"
8.00
FMA6540ST
60 SLM
³⁄₈
"
18.9
FMA6541ST
80 SLM
³⁄₈
"
18.9
FMA6542ST
100 SLM
³⁄₈
"
18.9



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com