công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN54SC4T08MPWTSEP bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SN54SC4T08MPWTSEP
Giải thích chi tiết về linh kiện  SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN54SC4T08MPWTSEP bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN54SC4T08MPWTSEP Datasheet HTML 2Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 3Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 4Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 5Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 6Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 7Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 8Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 9Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range; typical ratings measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOH
IOH = -50 µA
1.2 V to 5.5 V
VCC-0.2
V
IOH = -1 mA
1.2 V
0.8
1.1(1)
IOH = -2 mA
1.65 V to 2 V
1.21
1.7(1)
IOH = -3 mA
2.25 V to 2.75 V
1.93
2.4(1)
IOH = -5.5 mA
3 V to 3.6 V
2.49
3.08(1)
IOH = -8 mA
4.5 V to 5.5 V
3.95
4.65(1)
IOH= –24 mA
4.5 V to 5.5 V
3.15
VOL
IOL= 50 μA
1.2 V to 5.5 V
0.1
V
IOL = 1 mA
1.2 V
0.2
IOL = 2 mA
1.65 V to 2 V
0.1(1)
0.25
IOL = 3 mA
2.25 V to 2.75 V
0.1(1)
0.2
IOL = 5.5 mA
3 V to 3.6 V
0.2(1)
0.25
IOL= 8 mA
4.5 V to 5.5 V
0.3(1)
0.35
IOL= 24 mA
4.5 V to 5.5 V
0.75
II
VI = 0 V or VCC
0 V to 5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND, IO = 0
1.2 V to 5.5 V
2
93
µA
ΔICC
One input at 0.3 V or 3.4 V, other
inputs at 0 or VCC, IO = 0
5.5 V
1.35
1.5
mA
One input at 0.3 V or 1.1 V, other
inputs at 0 or VCC, IO = 0
1.8 V
5
68
µA
CI
VI = VCC or GND
5 V
3
5
pF
CPD (2) (3)
CL = 50 pF, F = 10 MHz
1.2 V to 5.5 V
11
25
pF
(1)
Typical value at nearest nominal voltage (1.8 V, 2.5 V, 3.3 V, and 5 V)
(2)
CPD is used to determine the dynamic power consumption, per channel.
(3)
PD= VCC 2 × FI × (CPD+ CL) where FI= input frequency, CL= output load capacitance, VCC= supply voltage.
6.6 Switching Characteristics
over operating free-air temperature range; typical ratings measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM (INPUT)
TO (OUTPUT)
LOAD
CAPACITANCE
VCC
MIN
TYP
MAX
UNIT
tPHL
A or B
Y
CL = 15 pF
1.2 V
38.33
117.5
nS
tPLH
A or B
Y
26.6
102.8
nS
tPHL
A or B
Y
CL = 50 pF
42.37
137.2
nS
tPLH
A or B
Y
30.97
115.2
nS
tPHL
A or B
Y
CL = 15 pF
1.8 V
14.9
38.1
nS
tPLH
A or B
Y
9.81
33.7
nS
tPHL
A or B
Y
CL = 50 pF
16.54
43.6
nS
tPLH
A or B
Y
11.73
38.0
nS
tPHL
A or B
Y
CL = 15 pF
2.5 V
9.31
22.6
nS
tPLH
A or B
Y
5.59
20.2
nS
tPHL
A or B
Y
CL = 50 pF
10.36
26.4
nS
tPLH
A or B
Y
7.16
23.1
nS
SN54SC4T08-SEP
SCLS928A – MAY 2023 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN54SC4T08-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com