| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PTH12010LAS bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTH12010LAS bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 27 page ![]() www.ti.com PTH12010x (Top View) 1 2 10 7 6 5 4 3 MarginUp MarginDown VI L O A D C 560 F (Required) I m R ,1% (Required) SET C 330 F (Optional) O m Inhibit GND GND VO VOSense Track 9 8 ABSOLUTE MAXIMUM RATINGS PTH12010W, PTH12010L SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. STANDARD APPLICATION A. RSET = Required to set the output voltage to a value higher than the lowest value (see the electrical characteristics table for values). ORDERING INFORMATION For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see the TI website at www.ti.com. Voltages are with respect to GND MIN TYP MAX UNIT Vtrack Track Input Voltage –0.3 VI + 0.3 V TA Operating Temperature Over VI Range –40 (1) 85 °C Range Twave Wave solder Surface temperature of module body or pins PTH12010WAH 260 (2) temperature (5 seconds) °C PTH12010WAS 235 (2) Solder reflow Treflow Surface temperature of module body or pins temperature PTH12010WAZ 260 (2) Tstg Storage Temperature –55 125 (3) °C Mechanical Shock Per Mil-STD-883D, Method 2002.3, 1 msec, 1/2 Sine, mounted 500 G Mechanical Vibration Mil-STD-883D, Method 2007.2 20 G 20-2000 Hz Weight 5 grams Flammability Meets UL 94V-O (1) For operation below 0 °C the external capacitors must have stable characteristics. Use either a low-ESR tantalum, Os-Con, or ceramic capacitor. (2) During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated maximum. (3) The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65°C. 2 Submit Documentation Feedback |