công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM2 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện PM2
Giải thích chi tiết về linh kiện  Convergent Reflective Micro Photoelectric Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PM2 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  PM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
455 ConvergentReflectiveMicroPhotoelectricSensorPM2SERIES
Selection
Guide
U-shaped
Convergent
Reflective
PM2
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Color code of cable type
and connector attached cable
Brown
Black
Blue
Output
+V
0 V
Load
+
–
5 to 24 V DC
±10 %
Type
Connector type
Cable type
Top sensing
Front sensing
L type (Top sensing)
Top sensing
Front sensing
L type (Top sensing)
Light-ON
PM2-LH10
PM2-LF10
PM2-LL10
PM2-LH10-C1
PM2-LF10-C1
PM2-LL10-C1
Item
Dark-ON
PM2-LH10B
PM2-LF10B
PM2-LL10B
PM2-LH10B-C1 PM2-LF10B-C1 PM2-LL10B-C1
Sensing range
2.5 to 8 mm 0.098 to 0.315 in (Conv. point: 5 mm 0.197 in) with white non-glossy paper (15 × 15 mm 0.591 × 0.591 in) (Note 2)
Min. sensing object
ø0.05 mm ø0.002 in copper wire (Setting distance: 5 mm 0.197 in)
Hysteresis
20 % or less of operation distance with white non-glossy paper (15 × 15 mm 0.591 × 0.591 in)
Repeatability (perpendicular to sensing axis)
0.08 mm 0.003 in or less (Note 3)
Supply voltage
5 to 24 V DC ±10 % Ripple P-P 5 % or less
Current consumption
Average: 25 mA or less, Peak: 80 mA or less
Output
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1 V or less (at 100 mA sink current)
0.4 V or less (at 16 mA sink current)
Utilization category
DC-12 or DC-13
Overcurrent protection
Incorporated
Response time
0.8 ms or less
Operation indicator
Red LED (lights up when the output is ON)
Pollution degree
3 (Industrial environment)
Ambient temperature
–10 to +55 °C +14 to +131 °F (No dew condensation or icing allowed), Storage: –25 to +80 °C –13 to +176 °F
Ambient humidity
45 to 85 % RH, Storage: 45 to 85 % RH
Ambient illuminance
Incandescent light: 3,500 ℓx at the light-receiving face
EMC
EN 60947-5
Vibration resistance
10 to 55 Hz frequency, 1.5 mm 0.059 in amplitude in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions for three times each
Emitting element
Infrared LED (Peak emission wavelength: 880 nm 0.035 mil, modulated)
Material
Enclosure: Polycarbonate, Terminal part: Copper alloy (Ag plated)
Enclosure: Polycarbonate, Fixed cable part: PBT
Cable
–
0.2 mm2 3-core cabtyre cable, 1 m 3.281 ft long (Note 4)
Wiring length
Total length up to 2 m 6.562 ft is possible with 0.3 mm2, or more, cable.
If the cable is extended for 2 m 6.562 ft, or more, a capacitor
of 10 µF must be connected between +V and 0 V terminals.
–
Weight
Net weight: 4.5 g approx.
Gross weight: 85 g approx.
(10 piece package)
Net weight: 4 g approx.
Gross weight: 80 g approx.
(10 piece package)
Net weight: 25 g approx
Gross weight: 330 g approx
(10 piece package)
SPECIFICATIONS
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The sensing range may extend up to 12.5 mm 0.492 in with white non-glossy paper due to product variation.
3) The repeatability is specified for white non-glossy paper (15 × 15 mm 0.591 × 0.591 in) at a setting distance of 5 mm 0.197 in.
4) Cable cannot be extended.
I/O CIRCUIT AND WIRING DIAGRAMS
I/O circuit diagram
Color code of cable type and connector attached cable
Users‚ circuit
Internal circuit
(Brown) +V
100 mA max.
Load
(Black) Output
(Blue) 0 V
+
–
5 to 24 V DC
±10 %
Tr
ZD
Note: Make sure to connect terminals correctly as the sensor does not
incorporate a reverse polarity protection circuit.
Symbols ... ZD: Surge absorption zener diode
Tr: NPN output transistor
Wiring diagram



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com